Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF5015 Datasheet (PDF) - Vanlong Technology Co., Ltd.

SF5015 Datasheet PDF - Vanlong Technology Co., Ltd.
Part # SF5015
Download  SF5015 Download
File Size   155.92 Kbytes
Page   2 Pages
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.
Description 1575.42 MHz SAW Filter

SF5015 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF5015 Datasheet PDF - Vanlong Technology Co., Ltd.

Part # SF5015
Download  SF5015 Click to download

File Size   155.92 Kbytes
Page   2 Pages
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.
Description 1575.42 MHz SAW Filter

SF5015 Datasheet (HTML) - Vanlong Technology Co., Ltd.


SF5015 Product details

1575.42 MHz SAW Filter
   
• Designed to GPS Applications Selectivity in 1575.42 MHz
• Low-Loss, Coupled-Resonator Quartz Design
• Simple External Impedance Matching
• Ultra Miniature Ceramic DCC6C SMD Package
• Complies with Directive 2002/95/EC (RoHS Compliant)
   




Similar Part No. - SF5015

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF501 GOOD-ARK-SF501 Datasheet
174Kb / 2P
SUPER FAST RECOVERY RECTIFIER
logo
Jinan Jingheng (Group) ...
SF501 JINANJINGHENG-SF501 Datasheet
89Kb / 2P
SUPER FAST RECTIFIER
logo
Guangdong Juxing Electr...
SF501 JUXING-SF501 Datasheet
1Mb / 3P
Superfast Recovery Rectitiers
logo
Vanlong Technology Co.,...
SF5010 VANLONG-SF5010 Datasheet
93Kb / 2P
916.50 MHz SAW Filter
SF5011 VANLONG-SF5011 Datasheet
90Kb / 2P
926.25 MHz SAW Filter
More results


Similar Description - SF5015

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856326 TRIQUINT-856326 Datasheet
443Kb / 5P
1575.42 MHz SAW Filter
logo
EPCOS
B9415 EPCOS-B9415 Datasheet
90Kb / 8P
SAW filter 1575.42 MHz
logo
TriQuint Semiconductor
856217 TRIQUINT-856217 Datasheet
490Kb / 5P
1575.42 MHz SAW Filter
856756 TRIQUINT-856756 Datasheet
383Kb / 5P
1575.42 MHz SAW Filter
logo
RF Monolithics, Inc
SF1186B-3 RFM-SF1186B-3 Datasheet
573Kb / 5P
1575.42 MHz SAW Filter
SF1186K-2 RFM-SF1186K-2 Datasheet
472Kb / 5P
1575.42 MHz SAW Filter
logo
TriQuint Semiconductor
855969 TRIQUINT-855969_15 Datasheet
540Kb / 5P
1575.42 MHz SAW Filter
856039 TRIQUINT-856039_15 Datasheet
350Kb / 5P
1575.42 MHz SAW Filter
857140 TRIQUINT-857140_15 Datasheet
360Kb / 6P
1575.42 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1185A TAI-SAW-TA1185A Datasheet
365Kb / 6P
SAW Filter 1575.42 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com