Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1900HT Datasheet (PDF) - IRC - a TT electronics Company.

1900HT Datasheet PDF - IRC - a TT electronics Company.
Part # 1900HT
Download  1900HT Download
File Size   526.34 Kbytes
Page   3 Pages
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.
Description TaNFilm짰 High Temperature DIP and SIP Networks

1900HT Datasheet (PDF)

Go To PDF Page Download Datasheet
1900HT Datasheet PDF - IRC - a TT electronics Company.

Part # 1900HT
Download  1900HT Click to download

File Size   526.34 Kbytes
Page   3 Pages
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.
Description TaNFilm짰 High Temperature DIP and SIP Networks

1900HT Datasheet (HTML) - IRC - a TT electronics Company.


1900HT Product details

TaNFilm® High Temperature DIP and SIP Networks

The IRC 1900HT and 4700HT Series is the ultimate combination of precision performance, reliability, and long term stability in a low profile, TaNFilm® DIP and SIP packages. The rugged welded lead construction combined with the inherent passivation characteristics of tantalum nitride film insure superior continuous performance in high temperature applications over the installed life of the part.

1900HT / 4700HT SERIES
• Inherent reliability
• Custom configurations available
• Bonded leads not susceptible to solder reflow problems
• Absolute tolerence to ±0.1% - ratio accuracy to ±0.05%
• Absolute TCR to ±25 ppm/°C - ratio tracking to ±5ppm/°C




Similar Part No. - 1900HT

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
1900HP41B0500 JOHANSON-1900HP41B0500 Datasheet
214Kb / 2P
1.9 GHz High Pass Filter
1900HP41B500 JOHANSON-1900HP41B500 Datasheet
109Kb / 2P
1.9 GHz High Pass Filter
1900HP41B500 JOHANSON-1900HP41B500 Datasheet
80Kb / 2P
Integrated Passive Component Packaging
1900HP41C0500 JOHANSON-1900HP41C0500 Datasheet
118Kb / 2P
1.9 GHz High Pass Filter
1900HP41C0500 JOHANSON-1900HP41C0500 Datasheet
80Kb / 2P
Integrated Passive Component Packaging
More results


Similar Description - 1900HT

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PFCHT WELWYN-PFCHT Datasheet
168Kb / 2P
High Temperature TaNFilm짰 Chip Resistors
logo
Vishay Siliconix
MCN VISHAY-MCN Datasheet
89Kb / 2P
Capacitor Networks, Molded SIP
17-Mar-08
TCN VISHAY-TCN Datasheet
93Kb / 2P
Capacitors Networks, Coated SIP
17-Mar-08
logo
RCD COMPONENTS INC.
CL082V-10R0-G RCD-CL082V-10R0-G Datasheet
178Kb / 1P
THICK FILM SIP NETWORKS
logo
IRC - a TT electronics ...
1900 IRCTT-1900 Datasheet
489Kb / 3P
TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
4700 IRCTT-4700 Datasheet
312Kb / 4P
TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
8900 IRCTT-8900 Datasheet
260Kb / 4P
TaNFilm짰 Precision Flat Pack Networks
logo
New Jersey Semi-Conduct...
DAN401 NJSEMI-DAN401 Datasheet
30Kb / 1P
SIP NETWORKS
logo
Tyco Electronics
2-1825059-9 MACOM-2-1825059-9 Datasheet
89Kb / 1P
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard
logo
New Jersey Semi-Conduct...
DAP NJSEMI-DAP Datasheet
418Kb / 1P
SIP NETWORKS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com