Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1900HT Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # 1900HT
Description  TaNFilm짰 High Temperature DIP and SIP Networks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

1900HT Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  1900HT Datasheet HTML 1Page - IRC - a TT electronics Company. 1900HT Datasheet HTML 2Page - IRC - a TT electronics Company. 1900HT Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
· Inherent reliability
· Custom configurations available
· Bonded leads not susceptible to solder reflow problems
· Absolute tolerence to ±0.1% - ratio accuracy to ±0.05%
· Absolute TCR to ±25 ppm/°C - ratio tracking to ±5ppm/°C
1900HT / 4700HT SERIES
IRC Advanced Film Division
The IRC 1900HT and 4700HT Series is the ultimate combination of precision performance, reliability, and long term stability in a low
profile, TaNFilm® DIP and SIP packages. The rugged welded lead construction combined with the inherent passivation characteristics
of tantalum nitride film insure superior continuous performance in high temperature applications over the installed life of the part.
Electrical Data
TaNFilm® High Temperature
DIP and SIP Networks
Package
Type
Size
Schematic
Ohmic
Range
Package
Power
Element
Power
Rated Voltage
(not to exceed
rated power)
Temperature
Range
DIP
14
Isolated
Schematic A
100Ω to 100KΩ
1.12W
0.08W
100V
-55°C to +200°C
Bussed
Schematic B
1.00KΩ to 50KΩ
16
Isolated
Schematic A
100Ω to 100KΩ
1.28W
Bussed
Schematic B
1.00KΩ to 50KΩ
SIP
6
Isolated
Schematic G
50Ω to 50KΩ
0.24W
0.08W
50V
Bussed
Schematic C
2.00KΩ to 25KΩ
8
Isolated
Schematic G
50Ω to 50KΩ
0.32W
Bussed
Schematic C
2.00KΩ to 25KΩ
Sputtered tantalum
nitride with passivation
oxide layer
Thermo-compression
bonded leads provide
exceptional reliability
Ceramic sandwich construction with
high temperature epoxy encapsulent
HT Series Issue November 2008 Sheet 1 of 3


Similar Part No. - 1900HT

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
1900HP41B0500 JOHANSON-1900HP41B0500 Datasheet
214Kb / 2P
1.9 GHz High Pass Filter
1900HP41B500 JOHANSON-1900HP41B500 Datasheet
109Kb / 2P
1.9 GHz High Pass Filter
1900HP41B500 JOHANSON-1900HP41B500 Datasheet
80Kb / 2P
Integrated Passive Component Packaging
1900HP41C0500 JOHANSON-1900HP41C0500 Datasheet
118Kb / 2P
1.9 GHz High Pass Filter
1900HP41C0500 JOHANSON-1900HP41C0500 Datasheet
80Kb / 2P
Integrated Passive Component Packaging
More results

Similar Description - 1900HT

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PFCHT WELWYN-PFCHT Datasheet
168Kb / 2P
High Temperature TaNFilm짰 Chip Resistors
logo
Vishay Siliconix
MCN VISHAY-MCN Datasheet
89Kb / 2P
Capacitor Networks, Molded SIP
17-Mar-08
TCN VISHAY-TCN Datasheet
93Kb / 2P
Capacitors Networks, Coated SIP
17-Mar-08
logo
RCD COMPONENTS INC.
CL082V-10R0-G RCD-CL082V-10R0-G Datasheet
178Kb / 1P
THICK FILM SIP NETWORKS
logo
IRC - a TT electronics ...
1900 IRCTT-1900 Datasheet
489Kb / 3P
TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
4700 IRCTT-4700 Datasheet
312Kb / 4P
TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
8900 IRCTT-8900 Datasheet
260Kb / 4P
TaNFilm짰 Precision Flat Pack Networks
logo
New Jersey Semi-Conduct...
DAN401 NJSEMI-DAN401 Datasheet
30Kb / 1P
SIP NETWORKS
logo
Tyco Electronics
2-1825059-9 MACOM-2-1825059-9 Datasheet
89Kb / 1P
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard
logo
New Jersey Semi-Conduct...
DAP NJSEMI-DAP Datasheet
418Kb / 1P
SIP NETWORKS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com