Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1900HT Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # 1900HT
Description  TaNFilm짰 High Temperature DIP and SIP Networks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

1900HT Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  1900HT Datasheet HTML 1Page - IRC - a TT electronics Company. 1900HT Datasheet HTML 2Page - IRC - a TT electronics Company. 1900HT Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
IRC Advanced Film Division
A
0.250
″
0.080
″ Max
0.025
″
± 0.005
0.020
″ ± 0.001 Typ
0.135
″ + 0.015
- 0.010
0.105
″ ± 0.020
0.050
″ ± 0.003
0.050
″ ± 0.015
0.100
″ ± 0.005
Typ. Non-Cumulative
meniscus
0.300
″
+0.015/-0.010
0.010
″
0.020
″ Max
0.010
″ ± 0.001
0.205
″
LEAD MATERIAL:
CDA 110 COPPER ½ HARD (EIP)
PLATED 30-50 µIN. NICKEL
25µIN MINIMUM GOLD
Physical Data
TaNFilm® High Temperature
DIP and SIP Networks
# OF
LEADS
DIM A
14
0.700" ± 0.020
16
0.800" ± 0.020
1900HT DIP Series
Schematic B
2
1
3 . . .
N-1
R
1
N
N-2 . . .
R
1
Schematic A
1
2
3 . . .
N-1
N
N-2 . . .
. . .
. . .
2
1
3
R
1
4
R
2
Schematic G
2
1
3
R
1
N
R
2
R
N-1
Schematic C
N-1
N
. . .
R
N-1
R
2
R
3
R
2
Schematic A
Schematic B
N = Number of pins
HT Series Issue November 2008 Sheet 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com