Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2176 Datasheet (PDF) - Diodes Incorporated

AP2176 Datasheet PDF - Diodes Incorporated
Part # AP2176
Download  AP2176 Download
File Size   541.12 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH

AP2176 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2176 Datasheet PDF - Diodes Incorporated

Part # AP2176
Download  AP2176 Click to download

File Size   541.12 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH

AP2176 Datasheet (HTML) - Diodes Incorporated


AP2176 Product details

Description
The AP2166 and AP2176 are integrated high-side power switches optimized for Universal Serial Bus (USB) and other hot-swap applications. The family of devices complies with USB 2.0 and available with both polarities of Enable input. They offer current and thermal limiting and short-circuit protection as well as controlled rise time and under-voltage lockout functionality. A 7ms deglitch capability on the open-drain Flag output prevents false overcurrent reporting and does not require any external components.

Features
• Dual USB port power switches
• Overcurrent and thermal protection
• 1.5A accurate current limiting
• Reverse Current Blocking
• 90mΩ on-resistance
• Input voltage range: 2.7V - 5.5V
• 0.6ms typical rise time
• Very low shutdown current: 1µA (max)
• Fault report (FLG) with blanking time (7ms typ)
• ESD protection: 6KV HBM, 300V MM
• Active low (AP2166) or active high (AP2176) enable
• Ambient temperature range -40°C to +85°C
• SO-8 and MSOP-8EP (Exposed Pad): Available in “Green” Molding Compound (No Br, Sb)
• UL Recognized, File Number E322375
• IEC60950-1 CB Scheme Certified
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• Consumer Electronics – LCD TVs & Monitors, Game Machines
• Communications – Set-Top-Boxes, GPS, Smartphones
• Computing – Laptops, Desktops, Servers, Printers, Docking Stations, HUBs




Similar Part No. - AP2176

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2171 DIODES-AP2171 Datasheet
389Kb / 19P
1A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2171 Rev. 6
AP2171A DIODES-AP2171A Datasheet
1Mb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
March 2015
AP2171D DIODES-AP2171D Datasheet
543Kb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32250 Rev. 1 - 2
AP2171D DIODES-AP2171D Datasheet
482Kb / 17P
1A SINGLE CHANNEL CURRENT-LIMITED POWER
DS32250 Rev. 2 - 2
AP2171D DIODES-AP2171D Datasheet
602Kb / 19P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
Rev erse
More results


Similar Description - AP2176

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2161 DIODES-AP2161_09 Datasheet
389Kb / 19P
1A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2171 Rev. 6
AP2161D_1009 DIODES-AP2161D_1009 Datasheet
482Kb / 17P
1A SINGLE CHANNEL CURRENT-LIMITED POWER
DS32250 Rev. 2 - 2
AP2162 DIODES-AP2162_09 Datasheet
511Kb / 17P
1A DUAL CHANNEL CURRENT-LIMITED POWER
AP2172 Rev. 5
AP2161WG-7 DIODES-AP2161WG-7 Datasheet
457Kb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2192MPG-13 DIODES-AP2192MPG-13 Datasheet
581Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2142SG-13 DIODES-AP2142SG-13 Datasheet
2Mb / 17P
0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2172 DIODES-AP2172 Datasheet
511Kb / 17P
1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
logo
Shenzhen Huazhimei Semi...
HM4610 HMSEMI-HM4610 Datasheet
937Kb / 9P
1A Current Limited Load Switch
logo
Diodes Incorporated
AP2161A DIODES-AP2161A Datasheet
1Mb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
March 2015
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com