Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2176 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP2176
Description  1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2176 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP2176 Datasheet HTML 1Page - Diodes Incorporated AP2176 Datasheet HTML 2Page - Diodes Incorporated AP2176 Datasheet HTML 3Page - Diodes Incorporated AP2176 Datasheet HTML 4Page - Diodes Incorporated AP2176 Datasheet HTML 5Page - Diodes Incorporated AP2176 Datasheet HTML 6Page - Diodes Incorporated AP2176 Datasheet HTML 7Page - Diodes Incorporated AP2176 Datasheet HTML 8Page - Diodes Incorporated AP2176 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AP2166/AP2176
1A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2166/AP2176 Rev 1
3 of 17
APRIL 2009
www.diodes.com
© Diodes Incorporated
Pin Name
Pin Number
Descriptions
EN1
1
Switch 1 enable input, active low (AP2166) or active high (AP2176)
FLG1
2
Switch 1 over-current and over-temperature fault report, open-drain
FLG2
3
Switch 2 over-current and over-temperature fault report, open-drain
EN2
4
Switch 2 enable input, active low (AP2166) or active high (AP2176)
OUT2
5
Switch 2 voltage output pin
GND
6
Ground
IN
7
Voltage input pin
OUT1
8
Switch 1 voltage output pin
Functional Block Diagram
Re v e rs e
block ing
Th e rm a l
Se n s e
Dr iv e r
FL G 2
OU T 2
GN D
IN
EN 2
UV L O
Cu r re n t
Lim it
CS
D e g litc h
Re v e r s e
bloc king
Th e rm a l
Se n s e
Dr iv e r
UV L O
Cu r re n t
Lim it
CS
D e g litc h
OU T 1
FLG 1
EN 1
GN D
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com