Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2176 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP2176
Description  1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2176 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP2176 Datasheet HTML 7Page - Diodes Incorporated AP2176 Datasheet HTML 8Page - Diodes Incorporated AP2176 Datasheet HTML 9Page - Diodes Incorporated AP2176 Datasheet HTML 10Page - Diodes Incorporated AP2176 Datasheet HTML 11Page - Diodes Incorporated AP2176 Datasheet HTML 12Page - Diodes Incorporated AP2176 Datasheet HTML 13Page - Diodes Incorporated AP2176 Datasheet HTML 14Page - Diodes Incorporated AP2176 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AP2166/AP2176
1A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2166/AP2176 Rev 1
11 of 17
APRIL 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
Rise Time vs Input Voltage
250
300
350
400
450
500
550
600
650
22.533.544.555.56
Input Voltage (V)
Fall Time vs Input Voltage
19
20
20
21
21
22
22
22.53
3.5
44.555.5
6
Input Voltage (V)
Supply Current, Output Enabled vs Ambient Temperature
28
33
38
43
48
53
58
63
68
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Supply Current, Output Disabled vs Ambient Temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Static Drain-Source On-State Resistance vs Ambient
Temperature
80
90
100
110
120
130
140
150
160
170
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Short-Circuit Output Current vs Ambient Temperature
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
1.56
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Vin=2.7V
Vin=3.3V
Vin=5V
Vin=2.7V
Vin=3.3V
Vin=5.0V
Vin=5.5V
CL=100uF
Vin=2.7V
Vin=5.0V
Vin=3.3V
Vin=5.5V
Vin=5.0V
Vin=5.5V
Vin=3.3V
Vin=2.7V
CL=1uF
RL=10Ω
TA=25°C
CL=1uF
RL=10Ω
TA=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com