Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2176 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP2176
Description  1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2176 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP2176 Datasheet HTML 4Page - Diodes Incorporated AP2176 Datasheet HTML 5Page - Diodes Incorporated AP2176 Datasheet HTML 6Page - Diodes Incorporated AP2176 Datasheet HTML 7Page - Diodes Incorporated AP2176 Datasheet HTML 8Page - Diodes Incorporated AP2176 Datasheet HTML 9Page - Diodes Incorporated AP2176 Datasheet HTML 10Page - Diodes Incorporated AP2176 Datasheet HTML 11Page - Diodes Incorporated AP2176 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AP2166/AP2176
1A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2166/AP2176 Rev 1
8 of 17
APRIL 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
Channel 1 Inrush Current
1ms/div
Channel 2 Inrush Current
1ms/div
Channel 1
1
Ω Load Connected to Enabled Device
2ms/div
Channel 1
2
Ω Load Connected to Enabled Device
2ms/div
Channel 2
1
Ω Load Connected to Enabled Device
2ms/div
Channel 2
2
Ω Load Connected to Enabled Device
2ms/div
Iout 1
1A/div
Vflag 1
2V/div
VIN=5V
TA=25°C
CL=68uF
Iout 1
1A/div
Vflag 1
2V/div
VIN=5V
TA=25°C
CL=68uF
Iout 2
1A/div
Vflag 2
2V/div
VIN=5V
TA=25°C
CL=68uF
Iout 2
1A/div
Vflag 2
2V/div
VIN=5V
TA=25°C
CL=68uF
Ven 2
5V/div
Iout 1
200mA/div
Ven 1
5V/div
VIN=5V
TA=25°C
RL=5Ω
CL=470uF
CL=220uF
CL=100uF
Iout 2
200mA/div
VIN=5V
TA=25°C
RL=5Ω
CL=470uF
CL=220uF
CL=100uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com