Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC-721B Datasheet (PDF) - BOSER Technology Co., Ltd

RC-721B Datasheet PDF - BOSER Technology Co., Ltd
Part # RC-721B
Download  RC-721B Download
File Size   133.45 Kbytes
Page   1 Pages
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd
Description 19" 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane

RC-721B Datasheet (PDF)

Go To PDF Page Download Datasheet
RC-721B Datasheet PDF - BOSER Technology Co., Ltd

Part # RC-721B
Download  RC-721B Click to download

File Size   133.45 Kbytes
Page   1 Pages
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd
Description 19" 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane

RC-721B Datasheet (HTML) - BOSER Technology Co., Ltd


RC-721B Product details

Features
◆ 19" 2U high, rackmount chassis compliant to EIA RS-310C standard
◆ Detachable card cage for easy installation and maintenance
◆ Provides 6-slot PICMG1.3 full-size or PICMG Bus backplane (PCI x 3, ISA x 3), 250W AT/ATX power supply
◆ External: 5.25" space x 1 + 3.5" space x 1 Internal: 3.5" space x 1
◆ 8cm ball bearing cooling fan x 2
◆ Dual lockable latch doors
◆ FCC/CE industrial Class A approval




Similar Part No. - RC-721B

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
RC-720 BOSER-RC-720 Datasheet
138Kb / 1P
19" 2U High, Full-size Rackmount Chassis with MainBoard, 250W ATX P/S
RC-720B BOSER-RC-720B Datasheet
138Kb / 1P
19" 2U High, Full-size Rackmount Chassis with MainBoard, 250W ATX P/S
RC-720BA BOSER-RC-720BA Datasheet
138Kb / 1P
19" 2U High, Full-size Rackmount Chassis with MainBoard, 250W ATX P/S
More results


Similar Description - RC-721B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-120 ETC-RC-120 Datasheet
296Kb / 1P
FULL-SIZE RACKMOUNT CHASSIS WITH 2-SLOT BACKPLANE & 250W P/S
RC-741 ETC-RC-741 Datasheet
314Kb / 1P
19 4U HIGH FULL-SIZE RACKMOUNT CHASSIS WITH BACKPLANE MOTHERBOARD & ATX P/S
RC-160 ETC1-RC-160 Datasheet
3Mb / 1P
Full-size Wallmount Chassis with 6-slot backplane & 250w
logo
BOSER Technology Co., L...
RC-147 BOSER-RC-147 Datasheet
178Kb / 1P
Half-size Wallmount Chassis with 4-slot Backplane, 180W ATX P/S Provides PICMG1.3 Half-size Backplane
RC-161 BOSER-RC-161 Datasheet
157Kb / 1P
Full-size Wallmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-191 BOSER-RC-191 Datasheet
137Kb / 1P
19" 4U High, Full-size Rackmount Chassis with 14-slot Backplane, 250W P/S
RC-280 BOSER-RC-280 Datasheet
149Kb / 1P
Full-size Deskmount Chassis with 10-slot Backplane, 250W AT/ATX P/S
RC-720 BOSER-RC-720 Datasheet
138Kb / 1P
19" 2U High, Full-size Rackmount Chassis with MainBoard, 250W ATX P/S
RC-740 BOSER-RC-740 Datasheet
227Kb / 1P
19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S
RC-741 BOSER-RC-741 Datasheet
227Kb / 1P
19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S Provides PICMG1.3 Full-size Backplane
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com