Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC-740B Datasheet (PDF) - BOSER Technology Co., Ltd

RC-740B Datasheet PDF - BOSER Technology Co., Ltd
Part # RC-740B
Download  RC-740B Download
File Size   227.01 Kbytes
Page   1 Pages
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd
Description 19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S

RC-740B Datasheet (PDF)

Go To PDF Page Download Datasheet
RC-740B Datasheet PDF - BOSER Technology Co., Ltd

Part # RC-740B
Download  RC-740B Click to download

File Size   227.01 Kbytes
Page   1 Pages
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd
Description 19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S

RC-740B Datasheet (HTML) - BOSER Technology Co., Ltd


RC-740B Product details

Features

• 19" 4U high, rackmount chassis compliant to EIA RS-310C standard

• Detachable card cage for easy installation and maintenance

• Provides 250W/300W/400W AT or ATX power supply

• Provides backplane or mainboard

• External: 5.25" space x 4 + 3.5" space x 1

  Internal: 3.5" space x 2

• 7-slot has 12cm x 1 and 8cm x 1 ball bearing cooling fans;

  14-slot has 12cm x 1 ball bearing cooling fan

• Dual lockable latch doors

• FCC/CE industrial Class A approval

• System environmental monitor (optional)

 



 




Similar Part No. - RC-740B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-741 ETC-RC-741 Datasheet
314Kb / 1P
19 4U HIGH FULL-SIZE RACKMOUNT CHASSIS WITH BACKPLANE MOTHERBOARD & ATX P/S
logo
BOSER Technology Co., L...
RC-741 BOSER-RC-741 Datasheet
227Kb / 1P
19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-741 BOSER-RC-741 Datasheet
838Kb / 24P
19??4U High, Full-size Rackmount Chassis
logo
List of Unclassifed Man...
RC-741B ETC-RC-741B Datasheet
314Kb / 1P
19 4U HIGH FULL-SIZE RACKMOUNT CHASSIS WITH BACKPLANE MOTHERBOARD & ATX P/S
logo
BOSER Technology Co., L...
RC-741B BOSER-RC-741B Datasheet
227Kb / 1P
19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S Provides PICMG1.3 Full-size Backplane
More results


Similar Description - RC-740B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-741 ETC-RC-741 Datasheet
314Kb / 1P
19 4U HIGH FULL-SIZE RACKMOUNT CHASSIS WITH BACKPLANE MOTHERBOARD & ATX P/S
logo
BOSER Technology Co., L...
RC-161 BOSER-RC-161 Datasheet
157Kb / 1P
Full-size Wallmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-191 BOSER-RC-191 Datasheet
137Kb / 1P
19" 4U High, Full-size Rackmount Chassis with 14-slot Backplane, 250W P/S
RC-193 BOSER-RC-193 Datasheet
172Kb / 1P
19" 4U High, Full-size Rackmount Chassis with 20-slot Backplane, 400W Redundant P/S
RC-280 BOSER-RC-280 Datasheet
149Kb / 1P
Full-size Deskmount Chassis with 10-slot Backplane, 250W AT/ATX P/S
RC-720 BOSER-RC-720 Datasheet
138Kb / 1P
19" 2U High, Full-size Rackmount Chassis with MainBoard, 250W ATX P/S
RC-721 BOSER-RC-721 Datasheet
133Kb / 1P
19" 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-730 BOSER-RC-730 Datasheet
185Kb / 1P
19" 3U High, Full-size Rackmount Chassis with MainBoard, Riser Card, 300W ATX P/S
RC-741 BOSER-RC-741 Datasheet
227Kb / 1P
19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-741 BOSER-RC-741_1 Datasheet
838Kb / 24P
19??4U High, Full-size Rackmount Chassis
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com