Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1863 Datasheet (PDF) - Maxim Integrated Products

DS1863 Datasheet PDF - Maxim Integrated Products
Part # DS1863
Download  DS1863 Download
File Size   671.37 Kbytes
Page   62 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Burst-Mode PON Controller With Integrated Monitoring

DS1863 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1863 Datasheet PDF - Maxim Integrated Products

Part # DS1863
Download  DS1863 Click to download

File Size   671.37 Kbytes
Page   62 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Burst-Mode PON Controller With Integrated Monitoring

DS1863 Datasheet (HTML) - Maxim Integrated Products


DS1863 Product details

General Description
The DS1863 controls and monitors all the burst-mode transmitter and video receiver biasing functions for a passive optical network (PON) transceiver. It has an APC loop with tracking-error compensation that provides the reference for the laser driver’s bias current and a temperature-indexed lookup table (LUT) that controls the modulation current. It continually monitors for high output current, high bias current, and low and high transmit power with its internal fast comparators to ensure that laser shutdown for eye safety requirements are met without adding external components. Five ADC channels monitor VCC, internal temperature, and three external monitor inputs (MON1, MON2, MON3) that can be used to meet transmitter and receive monitoring requirements.

Features
♦ Meets BPON, GPON, and GEPON Timing Requirements for Burst-Mode Transceivers
♦ Bias Current Control Provided by APC Loop with Tracking Error Compensation
♦ Modulation Current Is Controlled by a Temperature-Indexed Lookup Table
♦ Supports 0dB, -3dB, -6dB Power Leveling Settings with No Additional Calibration
♦ Internal Direct-to-Digital Temperature Sensor
♦ Five Analog Monitor Channels: Temperature, VCC, MON1, MON2, and MON3
♦ Comprehensive Fault Management System with Maskable Laser Shutdown Capability
♦ Two-Level Password Access to Protect Calibration Data
♦ 120 Bytes of Password 1 (PW1) Protected Nonvolatile Memory
♦ 128 Bytes of Password 2 (PW2) Protected Nonvolatile Memory
♦ I2C-Compatible Interface for Calibration and Monitoring
♦ Operating Voltage: 2.85V to 3.9V
♦ Operating Temperature: -40°C to +95°C
♦ 16-Pin, Lead-Free TSSOP Package




Similar Part No. - DS1863

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1861 MAXIM-DS1861 Datasheet
278Kb / 25P
Full Laser Control with Fault Management
Rev 0; 5/05
DS1861E MAXIM-DS1861E Datasheet
278Kb / 25P
Full Laser Control with Fault Management
Rev 0; 5/05
DS1861E MAXIM-DS1861E Datasheet
278Kb / 25P
Full Laser Control with Fault Management
Rev 0; 5/05
DS1861E+ MAXIM-DS1861E+ Datasheet
278Kb / 25P
Full Laser Control with Fault Management
Rev 0; 5/05
DS1862 MAXIM-DS1862 Datasheet
533Kb / 42P
XFP Laser Control and Digital Diagnostic IC
Rev 0; 2/06
More results


Similar Description - DS1863

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NSBMC290-16 NSC-NSBMC290-16 Datasheet
318Kb / 20P
Burst Mode Memory Controller
logo
NXP Semiconductors
PCD5041 PHILIPS-PCD5041 Datasheet
134Kb / 28P
DECT burst mode controller
1996 Oct 31
PCD5042 PHILIPS-PCD5042 Datasheet
134Kb / 28P
DECT burst mode controller
1996 Oct 31
PCD5043 PHILIPS-PCD5043 Datasheet
109Kb / 24P
DECT burst mode controller
1996 Oct 31
logo
Maxim Integrated Produc...
DS1865 MAXIM-DS1865 Datasheet
530Kb / 66P
PON Triplexer Control and Monitoring Circuit
Rev 0; 3/07
logo
Vitesse Semiconductor C...
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
VSC7967 VITESSE-VSC7967 Datasheet
610Kb / 2P
PON Integrated 155 Mbps to 2.5 Gbps Burst-mode Laser Driver and Limiting Amplifier
logo
Micrel Semiconductor
SY88236L MICREL-SY88236L Datasheet
1Mb / 19P
2.5Gbps Burst Mode Laser Driver with Integrated Limiting Amplifier
logo
Maxim Integrated Produc...
DS1865 MAXIM-DS1865_09 Datasheet
522Kb / 67P
PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
logo
Richtek Technology Corp...
R7731 RICHTEK-R7731 Datasheet
542Kb / 11P
Burst Triple Mode PWM Flyback Controller
March 2011
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com