Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2406+ Datasheet (PDF) - Maxim Integrated Products

DS2406+ Datasheet PDF - Maxim Integrated Products
Part # DS2406+
Download  DS2406+ Download
File Size   244.83 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual Addressable Switch Plus 1Kb Memory

DS2406+ Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2406+ Datasheet PDF - Maxim Integrated Products

Part # DS2406+
Download  DS2406+ Click to download

File Size   244.83 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual Addressable Switch Plus 1Kb Memory

DS2406+ Datasheet (HTML) - Maxim Integrated Products


DS2406+ Product details

The DS2406 Dual Addressable Switch Plus Memory offers a simple way to remotely control a pair of open drain transistors and to monitor the logic level at each transistor’s output via the 1-Wire bus for closed loop control. Each DS2406 has its own 64-bit ROM registration number that is factory lasered into the chip to provide a guaranteed unique identity for absolute traceability. The device’s 1024 bits of EPROM can be used as electronic label to store information such as switch function, physical location, and installation date. Communication with the DS2406 follows the standard Dallas Semiconductor 1-Wire protocol and can be accomplished with minimal hardware such as a single port pin of a microcontroller. Multiple DS2406 devices can reside on a common 1-Wire network and be operated independently of each other.



FEATURES

Open drain PIO pins are controlled and their logic level can be determined over 1-Wire bus for closed-loop control

Replaces and is fully compatible with DS2407 but no user-programmable power-on settings and no Hidden Mode.

PIO channel A sink capability of 50 mA at 0.4V with soft turn-on; channel B 8 mA at 0.4V

Maximum operating voltage of 13V at PIO A, 6.5V at PIO-B

1024 bits user-programmable OTP EPROM

User-programmable status memory to control the device

Multiple DS2406’s can be identified on a common 1-Wire bus and be turned on or off independently of other devices on the bus

Unique, factory-lasered and tested 64-bit registration number (8-bit family code + 48- bit serial number + 8-bit CRC tester) assures error-free selection and absolute identity because no two parts are alike

On-chip CRC16 generator allows detection of data transfer errors

Built-in multidrop controller ensures compatibility with other 1-Wire net products

Reduces control, address, data, programming and power to a single data pin

Directly connects to a single port pin of a microprocessor and communicates at up to 16.3k bits/s

Supports Conditional Search with user selectable condition

Vcc bondout for optional external supply to the device (TSOC package only)

1-Wire communication operates over a wide voltage range of 2.8V to 6.0V from -40°C to +85°C

Low cost TO-92 or 6-pin TSOC surface mount package




Similar Part No. - DS2406+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2406+ DALLAS-DS2406+ Datasheet
340Kb / 31P
Dual Addressable Switch Plus 1kbit Memory
DS2406+R DALLAS-DS2406+R Datasheet
340Kb / 31P
Dual Addressable Switch Plus 1kbit Memory
DS2406+T DALLAS-DS2406+T Datasheet
340Kb / 31P
Dual Addressable Switch Plus 1kbit Memory
More results


Similar Description - DS2406+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405 Datasheet
236Kb / 15P
Addressable Switch
DS2406 DALLAS-DS2406 Datasheet
156Kb / 30P
Dual Addressable Switch Plus 1K-Bit Memory
DS2407 DALLAS-DS2407 Datasheet
194Kb / 31P
Dual Addressable Switch Plus 1K.Bit Memory
logo
Maxim Integrated Produc...
DS2413 MAXIM-DS2413 Datasheet
235Kb / 17P
1-Wire Dual Channel Addressable Switch
REV: 051805
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405_07 Datasheet
419Kb / 15P
Addressable Switch
DS2406 DALLAS-DS2406_07 Datasheet
340Kb / 31P
Dual Addressable Switch Plus 1kbit Memory
logo
Maxim Integrated Produc...
DS1992 MAXIM-DS1992 Datasheet
326Kb / 17P
1Kb/4Kb Memory iButton짰
REV: 101408
DS2413 MAXIM-DS2413_08 Datasheet
148Kb / 18P
1-Wire Dual Channel Addressable Switch
REV: 110408
DS2502 MAXIM-DS2502_11 Datasheet
1Mb / 24P
1Kb Add-Only Memory
Rev 12/11
DS2502 MAXIM-DS2502_V01 Datasheet
693Kb / 24P
1Kb Add-Only Memory
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com