Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2407 Datasheet (PDF) - Dallas Semiconductor

DS2407 Datasheet PDF - Dallas Semiconductor
Part # DS2407
Download  DS2407 Download
File Size   194.05 Kbytes
Page   31 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Dual Addressable Switch Plus 1K.Bit Memory

DS2407 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2407 Datasheet PDF - Dallas Semiconductor

Part # DS2407
Download  DS2407 Click to download

File Size   194.05 Kbytes
Page   31 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Dual Addressable Switch Plus 1K.Bit Memory

DS2407 Datasheet (HTML) - Dallas Semiconductor


DS2407 Product details

ADDRESSABLE SWITCHTM DESCRIPTION
The DS2407 Dual Addressable Switch Plus Memory is a pair of open drain N–channel transistors that can be turned on or off via the 1–Wire bus. Alternatively, either open drain output can serve as a logic input that can be monitored via the same 1–Wire bus. In addition, the device has 1024 bits of EPROM to store relevant information such as switch function, physical location, etc. The device is addressed by matching its individual 64–bit factory–lasered registration number. The 64–bit number consists of an 8–bit family code, a unique 48–bit serial number, and an 8–bit cyclic redundancy check. Communication with the DS2407 follows the standard Dallas Semiconductor 1–Wire protocol and can be accomplished with a single port pin of a microcontroller.

FEATURES
• Open drain PIO pins are controlled and their logic level can be determined over 1–WireTM bus for closed–loop control
• Dual Channel operation (TSOC package)
• PIO pin channel A sink capability of 50 mA at 0.4V with soft turn–on; channel B 8 mA at 0.4V
• Maximum operating voltage of 13V at PIO–A, 6.5V at PIO–B
• 1024 bits user–programmable OTP EPROM
• 7 bytes of user–programmable status memory to control the device
• Multiple DS2407s can be identified on a common 1–Wire bus and be turned on or off independently of other devices on the bus
• Unique, factory–lasered and tested 64–bit registration number (8–bit family code + 48–bit serial number + 8–bit CRC tester) assures error–free selection and absolute identity because no two parts are alike
• On–chip CRC16 generator allows detection of data transfer errors
• Built–in multidrop controller ensures compatibility with other MicroLANTM products
• Reduces control, address, data, programming and power to a single data pin
• Directly connects to a single port pin of a microprocessor and communicates at up to 16.3k bits/s
• Low cost TO–92 or 6–pin TSOC surface mount package
• 1–Wire communication operates over a wide voltage range of 2.8V to 6.0V from –40°C to +85°C
• Supports Conditional Search with user–programmable condition
• VCC bondout for optional external supply to the device (TSOC package only)
• Hidden Mode; the device will respond only to a Match ROM command or a Conditional Search when in this mode.




Similar Part No. - DS2407

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2401 DALLAS-DS2401 Datasheet
151Kb / 10P
Silicon Serial Number
logo
Maxim Integrated Produc...
DS2401 MAXIM-DS2401 Datasheet
337Kb / 11P
Silicon Serial Number Unique, Factory-Lasered and Tested 64-Bit
Rev 5/11
DS2401 MAXIM-DS2401 Datasheet
1Mb / 9P
Compatible with Other 1-Wire Devices Purchased Separately
Rev 1; 4/16
logo
Analog Devices
DS2401 AD-DS2401 Datasheet
405Kb / 12P
Silicon Serial Number
Rev 12/23
DS2401+ AD-DS2401+ Datasheet
405Kb / 12P
Silicon Serial Number
Rev 12/23
More results


Similar Description - DS2407

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405 Datasheet
236Kb / 15P
Addressable Switch
DS2406 DALLAS-DS2406 Datasheet
156Kb / 30P
Dual Addressable Switch Plus 1K-Bit Memory
logo
Maxim Integrated Produc...
DS2413 MAXIM-DS2413 Datasheet
235Kb / 17P
1-Wire Dual Channel Addressable Switch
REV: 051805
logo
Dallas Semiconductor
DS2404S-C01 DALLAS-DS2404S-C01 Datasheet
52Kb / 2P
Dual Port Memory Plus Time
DS2405 DALLAS-DS2405_07 Datasheet
419Kb / 15P
Addressable Switch
DS2406 DALLAS-DS2406_07 Datasheet
340Kb / 31P
Dual Addressable Switch Plus 1kbit Memory
logo
Maxim Integrated Produc...
DS2413 MAXIM-DS2413_08 Datasheet
148Kb / 18P
1-Wire Dual Channel Addressable Switch
REV: 110408
DS2406 MAXIM-DS2406 Datasheet
244Kb / 32P
Dual Addressable Switch Plus 1Kb Memory
033109
DS2405 MAXIM-DS2405 Datasheet
434Kb / 15P
Addressable Switch
071107
logo
Analog Devices
DS2413 AD-DS2413 Datasheet
499Kb / 19P
1-Wire Dual-Channel Addressable Switch
2022 5/22
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com