Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2407 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2407
Description  Dual Addressable Switch Plus 1K.Bit Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2407 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2407 Datasheet HTML 1Page - Dallas Semiconductor DS2407 Datasheet HTML 2Page - Dallas Semiconductor DS2407 Datasheet HTML 3Page - Dallas Semiconductor DS2407 Datasheet HTML 4Page - Dallas Semiconductor DS2407 Datasheet HTML 5Page - Dallas Semiconductor DS2407 Datasheet HTML 6Page - Dallas Semiconductor DS2407 Datasheet HTML 7Page - Dallas Semiconductor DS2407 Datasheet HTML 8Page - Dallas Semiconductor DS2407 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
DS2407
Dual Addressable Switch Plus
1K–Bit Memory
DS2407
012099 1/31
FEATURES
• Open drain PIO pins are controlled and their logic
level can be determined over 1–WireTM bus for
closed–loop control
• Dual Channel operation (TSOC package)
• PIOpinchannelAsinkcapabilityof50mAat0.4Vwith
soft turn–on; channel B 8 mA at 0.4V
• Maximum operating voltage of 13V at PIO–A, 6.5V at
PIO–B
• 1024 bits user–programmable OTP EPROM
• 7 bytes of user–programmable status memory to con-
trol the device
• Multiple DS2407s can be identified on a common
1–Wire bus and be turned on or off independently of
other devices on the bus
• Unique, factory–lasered and tested 64–bit registra-
tion number (8–bit family code + 48–bit serial number
+ 8–bit CRC tester) assures error–free selection and
absolute identity because no two parts are alike
• On–chip CRC16 generator allows detection of data
transfer errors
• Built–in multidrop controller ensures compatibility
with other MicroLANTM products
• Reduces control, address, data, programming and
power to a single data pin
• Directlyconnectstoasingleportpinofamicroproces-
sor and communicates at up to 16.3k bits/s
• Low cost TO–92 or 6–pin TSOC surface mount
package
• 1–Wire communication operates over a wide voltage
range of 2.8V to 6.0V from –40
°C to +85°C
• Supports Conditional Search with user–program-
mable condition
• V
CC bondout for optional external supply to the device
(TSOC package only)
• Hidden Mode; the device will respond only to a Match
ROM command or a Conditional Search when in this
mode.
PIN ASSIGNMENT
3
2
1
DALLAS
DS2407
TO–92
BOTTOM VIEW
12
3
1
2
3
6
5
4
TSOC PACKAGE
TOP VIEW
3.7 X 4.0 X 1.5 mm
SIDE VIEW
See Mech. Drawings
See Mech. Drawings
Section
Section
PIN DESCRIPTION
TO–92
TSOC
Pin 1
Ground
Ground
Pin 2
Data
Data
Pin 3
PIO–A
PIO–A
Pin 4
––––
VCC
Pin 5
––––
NC
Pin 6
––––
PIO–B
1–WIRE
DATA
PIO–A
PROTOCOL
PIO–B


Similar Part No. - DS2407

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2401 DALLAS-DS2401 Datasheet
151Kb / 10P
Silicon Serial Number
logo
Maxim Integrated Produc...
DS2401 MAXIM-DS2401 Datasheet
337Kb / 11P
Silicon Serial Number Unique, Factory-Lasered and Tested 64-Bit
Rev 5/11
DS2401 MAXIM-DS2401 Datasheet
1Mb / 9P
Compatible with Other 1-Wire Devices Purchased Separately
Rev 1; 4/16
logo
Analog Devices
DS2401 AD-DS2401 Datasheet
405Kb / 12P
Silicon Serial Number
Rev 12/23
DS2401+ AD-DS2401+ Datasheet
405Kb / 12P
Silicon Serial Number
Rev 12/23
More results

Similar Description - DS2407

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405 Datasheet
236Kb / 15P
Addressable Switch
DS2406 DALLAS-DS2406 Datasheet
156Kb / 30P
Dual Addressable Switch Plus 1K-Bit Memory
logo
Maxim Integrated Produc...
DS2413 MAXIM-DS2413 Datasheet
235Kb / 17P
1-Wire Dual Channel Addressable Switch
REV: 051805
logo
Dallas Semiconductor
DS2404S-C01 DALLAS-DS2404S-C01 Datasheet
52Kb / 2P
Dual Port Memory Plus Time
DS2405 DALLAS-DS2405_07 Datasheet
419Kb / 15P
Addressable Switch
DS2406 DALLAS-DS2406_07 Datasheet
340Kb / 31P
Dual Addressable Switch Plus 1kbit Memory
logo
Maxim Integrated Produc...
DS2413 MAXIM-DS2413_08 Datasheet
148Kb / 18P
1-Wire Dual Channel Addressable Switch
REV: 110408
DS2406 MAXIM-DS2406 Datasheet
244Kb / 32P
Dual Addressable Switch Plus 1Kb Memory
033109
DS2405 MAXIM-DS2405 Datasheet
434Kb / 15P
Addressable Switch
071107
logo
Analog Devices
DS2413 AD-DS2413 Datasheet
499Kb / 19P
1-Wire Dual-Channel Addressable Switch
2022 5/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com