Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2407 Datasheet(PDF) 30 Page - Dallas Semiconductor

Part # DS2407
Description  Dual Addressable Switch Plus 1K.Bit Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2407 Datasheet(HTML) 30 Page - Dallas Semiconductor

Back Button DS2407 Datasheet HTML 23Page - Dallas Semiconductor DS2407 Datasheet HTML 24Page - Dallas Semiconductor DS2407 Datasheet HTML 25Page - Dallas Semiconductor DS2407 Datasheet HTML 26Page - Dallas Semiconductor DS2407 Datasheet HTML 27Page - Dallas Semiconductor DS2407 Datasheet HTML 28Page - Dallas Semiconductor DS2407 Datasheet HTML 29Page - Dallas Semiconductor DS2407 Datasheet HTML 30Page - Dallas Semiconductor DS2407 Datasheet HTML 31Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
PIO–A,
PIO–B
1–WIRE
tSUA,
tSUB
DS2407
012099 30/31
CAPACITANCE
(tA=25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Capacitance DATA Pin
CD
800
pF
7
Capacitance PIO–A Pin
CA
100
pF
Capacitance PIO–B Pin
CB
25
pF
Capacitance VCC Pin
CC
10
pF
AC ELECTRICAL CHARACTERISTICS
( VPUP=2.8V to 6.0V; –40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Time Slot
tSLOT
60
120
µs
Write 1 Low Time
tLOW1
1
15
µs
Write 0 Low Time
tLOW0
60
120
µs
Read Data Valid
tRDV
exactly 15
µs
Release Time
tRELEASE
0
15
45
µs
Read Data Setup DATA
tSU
1
µs
5
Recovery Time
tREC
1
µs
Reset Time High
tRSTH
480
µs
4
Reset Time Low
tRSTL
480
5000
µs
8
Presence Detect High
tPDHIGH
15
60
µs
Presence Detect Low
tPDLOW
60
240
µs
Read Data Setup PIO–A
tSUA
500
ns
Read Data Setup PIO–B
tSUB
500
ns
Delay to Program
tDP
5
µs
Delay to Verify
tDV
5
µs
Program Pulse Width
tPP
480
µs
Program Voltage Rise Time
tRP
0.5
5.0
µs
Program Voltage Fall Time
tFP
0.5
5.0
µs
DEFINITION OF PIO READ DATA SETUP TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com