Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2406 Datasheet (PDF) - Dallas Semiconductor

DS2406 Datasheet PDF - Dallas Semiconductor
Part # DS2406
Download  DS2406 Download
File Size   156.46 Kbytes
Page   30 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Dual Addressable Switch Plus 1K-Bit Memory

DS2406 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2406 Datasheet PDF - Dallas Semiconductor

Part # DS2406
Download  DS2406 Click to download

File Size   156.46 Kbytes
Page   30 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Dual Addressable Switch Plus 1K-Bit Memory

DS2406 Datasheet (HTML) - Dallas Semiconductor


DS2406 Product details

The DS2406 Dual Addressable Switch Plus Memory offers a simple way to remotely control a pair of open drain transistors and to monitor the logic level at each transistor’s output via the 1-Wire bus for closed loop control. Each DS2406 has its own 64-bit ROM registration number that is factory lasered into the chip to provide a guaranteed unique identity for absolute traceability. The device’s 1024 bits of EPROM can be used as electronic label to store information such as switch function, physical location, and installation date. Communication with the DS2406 follows the standard Dallas Semiconductor 1-Wire protocol and can be accomplished with minimal hardware such as a single port pin of a microcontroller. Multiple DS2406 devices can reside on a common 1-Wire network and be operated independently of each other.



FEATURES

Open drain PIO pins are controlled and their logic level can be determined over 1-Wire bus for closed-loop control

Replaces and is fully compatible with DS2407 but no user-programmable power-on settings and no Hidden Mode.

PIO channel A sink capability of 50 mA at 0.4V with soft turn-on; channel B 8 mA at 0.4V

Maximum operating voltage of 13V at PIO A, 6.5V at PIO-B

1024 bits user-programmable OTP EPROM

User-programmable status memory to control the device

Multiple DS2406’s can be identified on a common 1-Wire bus and be turned on or off independently of other devices on the bus

Unique, factory-lasered and tested 64-bit registration number (8-bit family code + 48- bit serial number + 8-bit CRC tester) assures error-free selection and absolute identity because no two parts are alike

On-chip CRC16 generator allows detection of data transfer errors

Built-in multidrop controller ensures compatibility with other 1-Wire net products

Reduces control, address, data, programming and power to a single data pin

Directly connects to a single port pin of a microprocessor and communicates at up to 16.3k bits/s

Supports Conditional Search with user selectable condition

Vcc bondout for optional external supply to the device (TSOC package only)

1-Wire communication operates over a wide voltage range of 2.8V to 6.0V from -40°C to +85°C

Low cost TO-92 or 6-pin TSOC surface mount package




Similar Part No. - DS2406

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2406 DALLAS-DS2406 Datasheet
340Kb / 31P
Dual Addressable Switch Plus 1kbit Memory
logo
Maxim Integrated Produc...
DS2406 MAXIM-DS2406 Datasheet
244Kb / 32P
Dual Addressable Switch Plus 1Kb Memory
033109
DS2406 MAXIM-DS2406 Datasheet
1Mb / 9P
Compatible with Other 1-Wire Devices Purchased Separately
Rev 1; 4/16
logo
Dallas Semiconductor
DS2406+ DALLAS-DS2406+ Datasheet
340Kb / 31P
Dual Addressable Switch Plus 1kbit Memory
logo
Maxim Integrated Produc...
DS2406+ MAXIM-DS2406+ Datasheet
244Kb / 32P
Dual Addressable Switch Plus 1Kb Memory
033109
More results


Similar Description - DS2406

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS256 MOTOROLA-SN54LS256 Datasheet
225Kb / 6P
DUAL 4-BIT ADDRESSABLE LATCH
logo
National Semiconductor ...
CD4723BM NSC-CD4723BM Datasheet
146Kb / 8P
Dual 4-Bit, 8-Bit Addressable Latch
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405 Datasheet
236Kb / 15P
Addressable Switch
DS2407 DALLAS-DS2407 Datasheet
194Kb / 31P
Dual Addressable Switch Plus 1K.Bit Memory
logo
National Semiconductor ...
54LS256 NSC-54LS256 Datasheet
127Kb / 6P
Dual 4-Bit Addressable Latch
logo
Zarlink Semiconductor I...
P1480 ZARLINK-P1480 Datasheet
847Kb / 16P
LAN CAM 1KX64 BIT CMOS CONTENT ADDRESSABLE MEMORY
logo
Motorola, Inc
MC10H155 MOTOROLA-MC10H155 Datasheet
683Kb / 11P
16-Bit ECL Content Addressable Memory
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405_07 Datasheet
419Kb / 15P
Addressable Switch
DS2406 DALLAS-DS2406_07 Datasheet
340Kb / 31P
Dual Addressable Switch Plus 1kbit Memory
logo
Maxim Integrated Produc...
DS2406 MAXIM-DS2406 Datasheet
244Kb / 32P
Dual Addressable Switch Plus 1Kb Memory
033109
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com