Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17017 Datasheet (PDF) - Maxim Integrated Products

MAX17017 Datasheet PDF - Maxim Integrated Products
Part # MAX17017
Download  MAX17017 Download
File Size   786.22 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quad-Output Controller for Low-Power Architecture

MAX17017 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17017 Datasheet PDF - Maxim Integrated Products

Part # MAX17017
Download  MAX17017 Click to download

File Size   786.22 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quad-Output Controller for Low-Power Architecture

MAX17017 Datasheet (HTML) - Maxim Integrated Products


MAX17017 Product details

General Description
The MAX17017 is a quad-output controller for ultra mobile portable computers (UMPCs) that rely on a low power architecture. The MAX17017 provides a compact, low-cost controller capable of providing four independent regulators—a main stage, a 3AP-P internal stepdown, a 5AP-P internal step-down, and a 2A source/sink linear regulator.

Features
♦ Fixed-Frequency, Current-Mode Controllers
♦ 5.5V to 28V Input Range (Step-Down) or 3V to 5V Input Range (Step-Up)
♦ 1x Step-Up or Step-Down Controller
♦ 1x Internal 5AP-P Step-Down Regulator
♦ 1x Internal 3AP-P Step-Down Regulator
♦ 1x 2A Source/Sink Linear Regulator with Dynamic REFIN
♦ Internal BST Diodes
♦ Internal 5V, 50mA Linear Regulator
♦ Fault Protection—Undervoltage, Overvoltage, Thermal, Peak Current Limit
♦ Independent Enable Inputs and Power-Good Outputs
♦ Voltage-Controlled Soft-Start
♦ High-Impedance Shutdown
♦ 10µA (typ) Shutdown Current

Applications
    1-to-4 Li+ Cell Battery-Powered Devices
    Low-Power Architecture
    Ultra-Mobile PC (UMPC)
    Portable Gaming
    Notebook and Subnotebook Computers
    PDAs and Mobile Communicators




Similar Part No. - MAX17017

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17010 MAXIM-MAX17010 Datasheet
283Kb / 17P
Internal-Switch Boost Regulator with Integrated High-Voltage Level Shifter and Op Amp
Rev 0; 3/07
MAX17010 MAXIM-MAX17010 Datasheet
182Kb / 10P
Eight 30V to -10V High-Voltage Level-Shifting Buffers
Rev 0; 7/07
MAX17010ETL+ MAXIM-MAX17010ETL+ Datasheet
283Kb / 17P
Internal-Switch Boost Regulator with Integrated High-Voltage Level Shifter and Op Amp
Rev 0; 3/07
MAX17010EVKIT MAXIM-MAX17010EVKIT Datasheet
182Kb / 10P
Eight 30V to -10V High-Voltage Level-Shifting Buffers
Rev 0; 7/07
MAX17010EVKIT+ MAXIM-MAX17010EVKIT+ Datasheet
182Kb / 10P
Eight 30V to -10V High-Voltage Level-Shifting Buffers
Rev 0; 7/07
More results


Similar Description - MAX17017

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Maxim Integrated Produc...
MAX5945 MAXIM-MAX5945 Datasheet
572Kb / 44P
Quad Network Power Controller for Power-Over-LAN
Rev 1; 9/05
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
February 4, 2009
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
August 7, 2008
logo
Xilinx, Inc
DS105 XILINX-DS105 Datasheet
106Kb / 4P
Low-power segmented routing architecture
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-4000 AVAGO-ADNS-4000 Datasheet
272Kb / 30P
Low Power Architecture
logo
Renesas Technology Corp
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX5935 MAXIM-MAX5935 Datasheet
706Kb / 10P
Quad Network Power Controller for Power-Over-LAN
19-3412; Rev 3; 5/07
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com