Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ1850 Datasheet (PDF) - Maxim Integrated Products

MAXQ1850 Datasheet PDF - Maxim Integrated Products
Part # MAXQ1850
Download  MAXQ1850 Download
File Size   60.53 Kbytes
Page   3 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Secure Cryptographic Controller with Rapid Zeroization Technology

MAXQ1850 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAXQ1850 Datasheet PDF - Maxim Integrated Products

Part # MAXQ1850
Download  MAXQ1850 Click to download

File Size   60.53 Kbytes
Page   3 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Secure Cryptographic Controller with Rapid Zeroization Technology

MAXQ1850 Datasheet (HTML) - Maxim Integrated Products


MAXQ1850 Product details

General Description

The MAXQ1850 is a low-power, 32-bit RISC device designed for electronic commerce, banking, and data security systems. It combines high-performance, single cycle processing, sophisticated tamper-detection technology, and advanced cryptographic hardware to provide industry-leading data security and secret key protection.



Features

♦High-Performance, Low-Power, 32-Bit MAXQ30 RISC Core

♦Single 3.3V Supply Enables Low Power/Flexible Interfacing

♦DC to 16MHz Code Execution Across Entire Operating Range

♦Up to 65MHz Cryptography Engine Execution to Reduce Processing Time

♦On-Chip 2x/4x Clock Multiplier

♦33 Instructions

♦16-Bit Instruction Word, 32-Bit Internal Data Bus

♦16 x 32-Bit Accumulators

♦Up to 16 General-Purpose I/O Pins

♦5V Tolerant I/O

♦Virtually Unlimited Software Stack

♦Optimized for C-Compiler (High-Speed/Density Code)

♦Memory Features

♦Security Features

♦Additional Peripherals

♦Low-Power Consumption



Applications

Electronic Commerce

EMV™ Banking

Secure Access Control

Secure Data Storage

Pay-per-Play

Certificate Authentication

Electronic Signature

Generation




Similar Part No. - MAXQ1850

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ1851 MAXIM-MAXQ1851 Datasheet
965Kb / 2P
DeepCover Secure Microcontroller with Fast Wipe Technology and Cryptography
Rev 0; 5/13
MAXQ1852 MAXIM-MAXQ1852 Datasheet
155Kb / 2P
Evaluation Kit for DeepCover Secure Microcontroller
Rev 0; 5/13
More results


Similar Description - MAXQ1850

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
BID2370 HARRIS-BID2370 Datasheet
919Kb / 2P
END Cryptographic Unit
logo
NXP Semiconductors
P5CC008V1A NXP-P5CC008V1A Datasheet
151Kb / 15P
Secure contact PKI smart card controller
Rev. 3-22 August 2012
logo
Maxim Integrated Produc...
MAXQ1851 MAXIM-MAXQ1851 Datasheet
965Kb / 2P
DeepCover Secure Microcontroller with Fast Wipe Technology and Cryptography
Rev 0; 5/13
logo
Microchip Technology
ATECC508A MICROCHIP-ATECC508A Datasheet
924Kb / 109P
Cryptographic Co-processor with Secure Hardware-Based Key Storage
2017
logo
Maxim Integrated Produc...
MAXQ1061 MAXIM-MAXQ1061 Datasheet
262Kb / 4P
DeepCover Cryptographic Controller for Embedded Devices
Rev 5; 12/19
logo
Microchip Technology
CEC1712 MICROCHIP-CEC1712 Datasheet
3Mb / 338P
Cryptographic Embedded Controller
02/28/20
logo
Maxim Integrated Produc...
MAXQ1065 MAXIM-MAXQ1065 Datasheet
260Kb / 18P
Ultra Low-Power Cryptographic Controller with ChipDNATM for Embedded Devices
2021
logo
Renesas Technology Corp
IW1790 RENESAS-IW1790 Datasheet
550Kb / 7P
Highly Integrated AC/DC Primary-Side Rapid ChargeTM PWM Controller Supporting XM-Comm Technology
26-Jan-2022
IW1796 RENESAS-IW1796 Datasheet
589Kb / 6P
High Performance AC/DC Primary-Side Rapid ChargeTM PWM Controller Supporting XM-Comm Technology
10-Feb-2022
IW1798 RENESAS-IW1798 Datasheet
507Kb / 6P
High Performance AC/DC Primary-Side Rapid ChargeTM PWM Controller Supporting XM-Comm Technology
30-Jan-2022
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com