Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2023 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

2023 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # 2023
Download  2023 Download
File Size   52.24 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Air Dielectric Directional Couplers Low Loss, Octave Bandwidth

2023 Datasheet (PDF)

Go To PDF Page Download Datasheet
2023 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # 2023
Download  2023 Click to download

File Size   52.24 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Air Dielectric Directional Couplers Low Loss, Octave Bandwidth

2023 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


2023 Product details

Description
These directional couplers feature compact packaging and four-port construction. This is combination permits flexibility in system designs. They are intended for test and measurement setups as well as for system use. Temperature range is –54° to +110°C. These units incorporate three miniature, low VSWR SMA jack connectors. Isolated port is terminated with 1/2 watt, 50 ohm load.

Features
• Air Dielectric for Low Loss
• Frequency Range: 1.0 to 18 GHz
• Octave Bandwidths
• Meets MIL-E-5400 Environments




Similar Part No. - 2023

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2023 MACOM-2023 Datasheet
83Kb / 2P
Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
logo
XFMRS Inc.
2023 XFMRS-2023 Datasheet
15Kb / 1P
100Mips TP-FDDI
logo
Murata Manufacturing Co...
2023 MURATA1-2023 Datasheet
1Mb / 22P
MonoBK™, Multi output DC-DC Converter Series
logo
Mascot AS
2023 MASCOT-2023 Datasheet
1Mb / 1P
Mounting brackets
20062008
logo
Winchester Electronics ...
2023-6-7 WINCHESTER-2023-6-7 Datasheet
88Kb / 1P
JACK, 75 BNC
More results


Similar Description - 2023

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2023 MACOM-2023 Datasheet
83Kb / 2P
Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
2025 MACOM-2025 Datasheet
155Kb / 1P
Directional Couplers Multi-Octave
2020 MACOM-2020 Datasheet
128Kb / 2P
Directional Couplers Mini, Octave Brandwidth
logo
M/A-COM Technology Solu...
2020 MA-COM-2020 Datasheet
52Kb / 2P
Directional Couplers Mini, Octave Bandwidth
2025 MA-COM-2025 Datasheet
48Kb / 1P
Directional Couplers, Multi-Octave
2020SERIES MA-COM-2020SERIES Datasheet
55Kb / 2P
Directional Couplers Mini, Octave Bandwidth
2025SERIES MA-COM-2025SERIES Datasheet
48Kb / 1P
Directional Couplers, Multi-Octave
2020-6605-10 MA-COM-2020-6605-10 Datasheet
365Kb / 3P
Directional Couplers Mini Octave Bandwidth
2025 MA-COM-2025_15 Datasheet
375Kb / 2P
Directional Couplers, Multi-Octave
2020 MA-COM-2020_15 Datasheet
370Kb / 3P
Directional Couplers Mini, Octave Bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com