Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2025 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

2025 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # 2025
Download  2025 Download
File Size   48.66 Kbytes
Page   1 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Directional Couplers, Multi-Octave

2025 Datasheet (PDF)

Go To PDF Page Download Datasheet
2025 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # 2025
Download  2025 Click to download

File Size   48.66 Kbytes
Page   1 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Directional Couplers, Multi-Octave

2025 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


2025 Product details

Features
• Flat Frequency Response
• Frequency Range: 0.5 - 18 GHz
• Multi-Octave Bandwidths
• Temperature Range: -54°C to +125°C
• Meets MIL-E-5400 Environments




Similar Part No. - 2025

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2025 MACOM-2025 Datasheet
155Kb / 1P
Directional Couplers Multi-Octave
logo
List of Unclassifed Man...
2025 ETC2-2025 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
2025 ETC2-2025 Datasheet
93Kb / 2P
THREADED STANDOFFS
logo
Keystone Electronics Co...
2025 KEYSTONE-2025 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
logo
Mascot AS
2025 MASCOT-2025 Datasheet
1Mb / 1P
Mounting brackets
20062008
More results


Similar Description - 2025

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2023 MACOM-2023 Datasheet
83Kb / 2P
Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
2025 MACOM-2025 Datasheet
155Kb / 1P
Directional Couplers Multi-Octave
2020 MACOM-2020 Datasheet
128Kb / 2P
Directional Couplers Mini, Octave Brandwidth
logo
M/A-COM Technology Solu...
2020 MA-COM-2020 Datasheet
52Kb / 2P
Directional Couplers Mini, Octave Bandwidth
2023 MA-COM-2023 Datasheet
52Kb / 2P
Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
2020SERIES MA-COM-2020SERIES Datasheet
55Kb / 2P
Directional Couplers Mini, Octave Bandwidth
2025SERIES MA-COM-2025SERIES Datasheet
48Kb / 1P
Directional Couplers, Multi-Octave
2020-6605-10 MA-COM-2020-6605-10 Datasheet
365Kb / 3P
Directional Couplers Mini Octave Bandwidth
2025 MA-COM-2025_15 Datasheet
375Kb / 2P
Directional Couplers, Multi-Octave
2020 MA-COM-2020_15 Datasheet
370Kb / 3P
Directional Couplers Mini, Octave Bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com