Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2025 Datasheet (PDF) - Tyco Electronics

2025 Datasheet PDF - Tyco Electronics
Part # 2025
Download  2025 Download
File Size   155.26 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Directional Couplers Multi-Octave

2025 Datasheet (PDF)

Go To PDF Page Download Datasheet
2025 Datasheet PDF - Tyco Electronics

Part # 2025
Download  2025 Click to download

File Size   155.26 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Directional Couplers Multi-Octave

2025 Datasheet (HTML) - Tyco Electronics


2025 Product details

Features
• Flat Frequency Response
• Frequency Range: 0.5 - 18 GHz
• Multi-Octave Bandwidths
• Temperature Range: -54°C to +125°C
• Meets MIL-E-5400 Environments




Similar Part No. - 2025

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2025 MA-COM-2025 Datasheet
48Kb / 1P
Directional Couplers, Multi-Octave
logo
List of Unclassifed Man...
2025 ETC2-2025 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
2025 ETC2-2025 Datasheet
93Kb / 2P
THREADED STANDOFFS
logo
Keystone Electronics Co...
2025 KEYSTONE-2025 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
logo
Mascot AS
2025 MASCOT-2025 Datasheet
1Mb / 1P
Mounting brackets
20062008
More results


Similar Description - 2025

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2023 MACOM-2023 Datasheet
83Kb / 2P
Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
2020 MACOM-2020 Datasheet
128Kb / 2P
Directional Couplers Mini, Octave Brandwidth
logo
M/A-COM Technology Solu...
2020 MA-COM-2020 Datasheet
52Kb / 2P
Directional Couplers Mini, Octave Bandwidth
2023 MA-COM-2023 Datasheet
52Kb / 2P
Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
2025 MA-COM-2025 Datasheet
48Kb / 1P
Directional Couplers, Multi-Octave
2020SERIES MA-COM-2020SERIES Datasheet
55Kb / 2P
Directional Couplers Mini, Octave Bandwidth
2025SERIES MA-COM-2025SERIES Datasheet
48Kb / 1P
Directional Couplers, Multi-Octave
2020-6605-10 MA-COM-2020-6605-10 Datasheet
365Kb / 3P
Directional Couplers Mini Octave Bandwidth
2025 MA-COM-2025_15 Datasheet
375Kb / 2P
Directional Couplers, Multi-Octave
2020 MA-COM-2020_15 Datasheet
370Kb / 3P
Directional Couplers Mini, Octave Bandwidth
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com