Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDSF0005-STR Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

LDSF0005-STR Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # LDSF0005-STR
Download  LDSF0005-STR Download
File Size   92.87 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description PINFET optical receiver modules

LDSF0005-STR Datasheet (PDF)

Go To PDF Page Download Datasheet
LDSF0005-STR Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # LDSF0005-STR
Download  LDSF0005-STR Click to download

File Size   92.87 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description PINFET optical receiver modules

LDSF0005-STR Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - LDSF0005-STR

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
LDS SCHURTER-LDS Datasheet
370Kb / 4P
Frontpanel Switch / Momentary Action, Medium Stroke, 10 mm
logo
TE Connectivity Ltd
LDS TEC-LDS Datasheet
223Kb / 4P
HORIZONTAL SHORT-SWING LIQUID LEVEL SENSORS
logo
Schurter Inc.
LDS SCHURTER-LDS Datasheet
404Kb / 4P
Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
17.08.2020
logo
Roithner LaserTechnik G...
LDS-1310-005-BL ROITHNER-LDS-1310-005-BL Datasheet
141Kb / 3P
Output Power: 5 mW Typical 1310 nm Emission Wavelength Single mode High Reliability, High Effciency
LDS-1310-005-FW ROITHNER-LDS-1310-005-FW Datasheet
216Kb / 3P
Optical Fiber Communication Free-space Optical Communication
More results


Similar Description - LDSF0005-STR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGE67BO PHILIPS-BGE67BO Datasheet
79Kb / 6P
Optical receiver module
1998 Aug 31
BGE847BO PHILIPS-BGE847BO Datasheet
80Kb / 12P
Optical receiver modules
2000 Apr 04
BGE883BO PHILIPS-BGE883BO Datasheet
51Kb / 8P
Optical receiver module
2000 Apr 10
BGO847 PHILIPS-BGO847 Datasheet
81Kb / 12P
Optical receiver modules
2000 Apr 12
BGY67BO PHILIPS-BGY67BO Datasheet
51Kb / 8P
Optical receiver module
2001 Sep 27
BGY847BO PHILIPS-BGY847BO Datasheet
55Kb / 8P
Optical receiver module
1998 Mar 13
BGE887BO PHILIPS-BGE887BO Datasheet
56Kb / 8P
Optical receiver module
2001 Sep 27
logo
Emcore Corporation
7820C EMCORE-7820C Datasheet
567Kb / 6P
CATV Optical Receiver
7820R EMCORE-7820R Datasheet
613Kb / 6P
Optical Receiver
7830W EMCORE-7830W Datasheet
504Kb / 4P
CATV Optical Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com