Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8264 Datasheet (PDF) - Analog Devices

AD8264 Datasheet PDF - Analog Devices
Part # AD8264
Download  AD8264 Download
File Size   1139.11 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier

AD8264 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8264 Datasheet PDF - Analog Devices

Part # AD8264
Download  AD8264 Click to download

File Size   1139.11 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier

AD8264 Datasheet (HTML) - Analog Devices


AD8264 Product details

GENERAL DESCRIPTION
The AD8264 is a quad, linear-in-dB, general-purpose variable gain amplifier (VGA) with a preamplifier (preamp), and a flexible differential output buffer. DC coupling, combined with wide bandwidth, makes this amplifier a very good pulse processor.
   
FEATURES
    Low noise
        Voltage noise: 2.3 nV/√Hz
        Current noise: 2 pA/√Hz
    Wide bandwidth
        Small signal: 235 MHz (VGAx); 80 MHz (output amplifier)
        Large signal: 80 MHz (1 V p-p)
    Gain range
        0 to 24 dB (input to VGA output)
        6 to 30 dB (input to differential output)
    Gain scaling: 20 dB/V
    DC-coupled
    Single-ended input and differential output
    Supplies: ±2.5 V to ±5 V
    Low power: 140 mW per channel at ±3.3 V
   
APPLICATIONS
    Multichannel data acquisition
    Positron emission tomography
    Gain trim
    Industrial and medical ultrasound
    Radar receivers
   




Similar Part No. - AD8264

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8264 AD-AD8264 Datasheet
1Mb / 40P
Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
1/16-Rev. A to Rev. B
AD8264-EVALZ AD-AD8264-EVALZ Datasheet
1Mb / 40P
Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
1/16-Rev. A to Rev. B
AD8264ACPZ AD-AD8264ACPZ Datasheet
1Mb / 40P
Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
1/16-Rev. A to Rev. B
AD8264ACPZ-R7 AD-AD8264ACPZ-R7 Datasheet
1Mb / 40P
Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
1/16-Rev. A to Rev. B
AD8264ACPZ-RL AD-AD8264ACPZ-RL Datasheet
1Mb / 40P
Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
1/16-Rev. A to Rev. B
More results


Similar Description - AD8264

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1663 NEC-UPC1663 Datasheet
93Kb / 16P
DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
logo
Analog Devices
AD640 AD-AD640 Datasheet
278Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV.C
AD8337 AD-AD8337 Datasheet
773Kb / 28P
General-Purpose, Low Cost, DC-Coupled VGA
6/06-Rev. 0 to Rev. A
AD8337 AD-AD8337_07 Datasheet
791Kb / 24P
General-Purpose, Low Cost, DC-Coupled VGA
2/07-Rev. A to Rev. B
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_15 Datasheet
240Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD8337 AD-AD8337_15 Datasheet
1Mb / 32P
General-Purpose, Low Cost, DC-Coupled VGA
REV. C
AD640 AD-AD640_16 Datasheet
417Kb / 19P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
AD8264 AD-AD8264_16 Datasheet
1Mb / 40P
Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
1/16-Rev. A to Rev. B
logo
Maxim Integrated Produc...
MAX9516EVKIT MAXIM-MAX9516EVKIT Datasheet
102Kb / 5P
DC-Coupled Output
Rev 0; 4/07
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com