Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATCC0012 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAATCC0012 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAATCC0012
Download  MAATCC0012 Download
File Size   152.22 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz

MAATCC0012 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAATCC0012 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAATCC0012
Download  MAATCC0012 Click to download

File Size   152.22 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz

MAATCC0012 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - MAATCC0012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATCC0012 MACOM-MAATCC0012 Datasheet
255Kb / 5P
Digital Attenuator 30.0dB, 4-Bit, TTL Driver, DC-2.5 GHz
logo
M/A-COM Technology Solu...
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
Digital Attenuator
logo
Tyco Electronics
MAATCC0012-TB MACOM-MAATCC0012-TB Datasheet
255Kb / 5P
Digital Attenuator 30.0dB, 4-Bit, TTL Driver, DC-2.5 GHz
MAATCC0012TR MACOM-MAATCC0012TR Datasheet
255Kb / 5P
Digital Attenuator 30.0dB, 4-Bit, TTL Driver, DC-2.5 GHz
logo
M/A-COM Technology Solu...
MAATCC0012 MA-COM-MAATCC0012_15 Datasheet
152Kb / 5P
Digital Attenuator
More results


Similar Description - MAATCC0012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-1233 MACOM-AT90-1233 Datasheet
251Kb / 4P
Digital Attenuator, 30 dB, 4-Bit, TTL Driver, DC - 2.5 GHz
MAAD-007079-000100 MACOM-MAAD-007079-000100 Datasheet
256Kb / 5P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
logo
M/A-COM Technology Solu...
AT-232-PIN MA-COM-AT-232-PIN Datasheet
77Kb / 4P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz
AT-233-PIN MA-COM-AT-233-PIN Datasheet
122Kb / 4P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz
MAATCC0006 MA-COM-MAATCC0006 Datasheet
130Kb / 5P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT65-0233 MA-COM-AT65-0233 Datasheet
129Kb / 5P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT90-0233 MA-COM-AT90-0233 Datasheet
151Kb / 5P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
AT90-1233 MA-COM-AT90-1233 Datasheet
153Kb / 5P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
MAAD-007079-000100 MA-COM-MAAD-007079-000100 Datasheet
155Kb / 5P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
MAAD-007079-000100 MA-COM-MAAD-007079-000100 Datasheet
155Kb / 5P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com