Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90-1233 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

AT90-1233 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # AT90-1233
Download  AT90-1233 Download
File Size   153.85 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz

AT90-1233 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT90-1233 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # AT90-1233
Download  AT90-1233 Click to download

File Size   153.85 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz

AT90-1233 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


AT90-1233 Product details

Description
M/A-COM’s AT90-1233 is a GaAs FET 4-Bit digital attenuator with integral driver. Step size is 2 dB providing a 30 dB attenuation range. This device is in an FQFP-N plastic surface mount package. The AT90-1233 is suited for single supply applications where accuracy, fast speed, low power consumption and low costs are required. For dual supply designs without switching noise, use AT90-0233.

Features
• Attenuation: 2 dB Steps to 30 dB
• Single Positive Supply
• Contains Internal DC to DC Converter
• Integral TTL Driver
• 50 Ohm Impedance
• Test Boards Available
• Tape and Reel Packaging Available
• CSP-1 Package




Similar Part No. - AT90-1233

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-1233 MACOM-AT90-1233 Datasheet
251Kb / 4P
Digital Attenuator, 30 dB, 4-Bit, TTL Driver, DC - 2.5 GHz
AT90-1233 MACOM-AT90-1233 Datasheet
217Kb / 4P
Digital Attenuator, 30dB, 4-Bit, TTL Driver DC - 2.5 GHz
AT90-1233-TB MACOM-AT90-1233-TB Datasheet
251Kb / 4P
Digital Attenuator, 30 dB, 4-Bit, TTL Driver, DC - 2.5 GHz
AT90-1233-TB MACOM-AT90-1233-TB Datasheet
217Kb / 4P
Digital Attenuator, 30dB, 4-Bit, TTL Driver DC - 2.5 GHz
AT90-1233TR MACOM-AT90-1233TR Datasheet
251Kb / 4P
Digital Attenuator, 30 dB, 4-Bit, TTL Driver, DC - 2.5 GHz
More results


Similar Description - AT90-1233

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-1233 MACOM-AT90-1233 Datasheet
251Kb / 4P
Digital Attenuator, 30 dB, 4-Bit, TTL Driver, DC - 2.5 GHz
MAAD-007079-000100 MACOM-MAAD-007079-000100 Datasheet
256Kb / 5P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
logo
M/A-COM Technology Solu...
AT-232-PIN MA-COM-AT-232-PIN Datasheet
77Kb / 4P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz
AT-233-PIN MA-COM-AT-233-PIN Datasheet
122Kb / 4P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz
MAATCC0006 MA-COM-MAATCC0006 Datasheet
130Kb / 5P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
AT65-0233 MA-COM-AT65-0233 Datasheet
129Kb / 5P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT90-0233 MA-COM-AT90-0233 Datasheet
151Kb / 5P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
MAAD-007079-000100 MA-COM-MAAD-007079-000100 Datasheet
155Kb / 5P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
MAAD-007079-000100 MA-COM-MAAD-007079-000100 Datasheet
155Kb / 5P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com