Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90-1233 Datasheet (PDF) - Tyco Electronics

AT90-1233 Datasheet PDF - Tyco Electronics
Part # AT90-1233
Download  AT90-1233 Download
File Size   251.93 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 30 dB, 4-Bit, TTL Driver, DC - 2.5 GHz

AT90-1233 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT90-1233 Datasheet PDF - Tyco Electronics

Part # AT90-1233
Download  AT90-1233 Click to download

File Size   251.93 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 30 dB, 4-Bit, TTL Driver, DC - 2.5 GHz

AT90-1233 Datasheet (HTML) - Tyco Electronics


AT90-1233 Product details

Description
M/A-COM’s AT90-1233 is a GaAs FET 4-Bit digital attenuator with integral driver. Step size is 2 dB providing a 30 dB attenuation range. This device is in an FQFP-N plastic surface mount package. The AT90-1233 is suited for single supply applications where accuracy, fast speed, low power consumption and low costs are required. For dual supply designs without switching noise, use AT90-0233.

Features
• Attenuation: 2 dB Steps to 30 dB
• Single Positive Supply
• Contains Internal DC to DC Converter
• Integral TTL Driver
• 50 Ohm Impedance
• Test Boards Available
• Tape and Reel Packaging Available




Similar Part No. - AT90-1233

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-1233 MACOM-AT90-1233 Datasheet
217Kb / 4P
Digital Attenuator, 30dB, 4-Bit, TTL Driver DC - 2.5 GHz
logo
M/A-COM Technology Solu...
AT90-1233 MA-COM-AT90-1233 Datasheet
153Kb / 5P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
logo
Tyco Electronics
AT90-1233-TB MACOM-AT90-1233-TB Datasheet
217Kb / 4P
Digital Attenuator, 30dB, 4-Bit, TTL Driver DC - 2.5 GHz
logo
M/A-COM Technology Solu...
AT90-1233-TB MA-COM-AT90-1233-TB Datasheet
153Kb / 5P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
logo
Tyco Electronics
AT90-1233TR MACOM-AT90-1233TR Datasheet
217Kb / 4P
Digital Attenuator, 30dB, 4-Bit, TTL Driver DC - 2.5 GHz
More results


Similar Description - AT90-1233

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0233 MACOM-AT65-0233 Datasheet
233Kb / 3P
Digital Attenuator, 30 dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT90-0233 MACOM-AT90-0233 Datasheet
251Kb / 4P
Digital Attenuator, 30 dB, 4-Bit, TTL Driver, DC - 2.5 GHz
MAAD-007079-000100 MACOM-MAAD-007079-000100 Datasheet
256Kb / 5P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
MAADSS0009 MACOM-MAADSS0009 Datasheet
170Kb / 3P
Digital Attenuator 30 dB, 4-Bit, TTL Driver, DC-2.0 GHz
MAATCC0012 MACOM-MAATCC0012 Datasheet
255Kb / 5P
Digital Attenuator 30.0dB, 4-Bit, TTL Driver, DC-2.5 GHz
logo
M/A-COM Technology Solu...
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
AT90-0233 MA-COM-AT90-0233 Datasheet
151Kb / 5P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
AT90-1233 MA-COM-AT90-1233 Datasheet
153Kb / 5P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
MAAD-007079-000100 MA-COM-MAAD-007079-000100 Datasheet
155Kb / 5P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
MAAD-007079-000100 MA-COM-MAAD-007079-000100 Datasheet
155Kb / 5P
Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com