Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A72 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A72 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A72
Download  A72 Download
File Size   1341.66 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 5 to 500 MHz

A72 Datasheet (PDF)

Go To PDF Page Download Datasheet
A72 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A72
Download  A72 Click to download

File Size   1341.66 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 5 to 500 MHz

A72 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A72 Product details

Description
The A72 RF amplifier is a discrete thin film hybrid design, which incorporates the use of thin film manufacturing processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network is used for temperature-stable performance, in addition to an RF Choke, used for power supply decoupling.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• LOW POWER DRAIN 31 mA (TYP.)
• HIGH OUTPUT LEVEL: +12.5 dBm (TYP.)
• HIGH IP3: +28 dBm (TYP.) AT Vcc = +8 Vdc




Similar Part No. - A72

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A72 MACOM-A72 Datasheet
115Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A72 MACOM-A72 Datasheet
378Kb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
A72 MA-COM-A72 Datasheet
645Kb / 3P
Cascadable Amplifier 5 to 500 MHz
A72-SMA72 MA-COM-A72-SMA72 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Kemet Corporation
A720 KEMET-A720 Datasheet
1Mb / 15P
A720 Polymer Aluminum
More results


Similar Description - A72

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
5 TO 500 MHZ CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA5-5 MA-COM-SMA5-5 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A54 MA-COM-A54 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A58 MA-COM-A58 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A73 MA-COM-A73 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A74-2 MA-COM-A74-2 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A74 MA-COM-A74 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
EA54-2 MA-COM-EA54-2 Datasheet
125Kb / 2P
Cascadable Amplifier 5 to 500 MHz
A54 MA-COM-A54_15 Datasheet
643Kb / 3P
Cascadable Amplifier 5 to 500 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com