Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP207E Datasheet (PDF) - Exar Corporation

SP207E Datasheet PDF - Exar Corporation
Part # SP207E
Download  SP207E Download
File Size   1084.86 Kbytes
Page   19 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Low Power, High ESD 5V RS-232 Transceivers

SP207E Datasheet (PDF)

Go To PDF Page Download Datasheet
SP207E Datasheet PDF - Exar Corporation

Part # SP207E
Download  SP207E Click to download

File Size   1084.86 Kbytes
Page   19 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Low Power, High ESD 5V RS-232 Transceivers

SP207E Datasheet (HTML) - Exar Corporation


SP207E Product details

DESCRIPTION
The SP207E-SP213Eare enhanced transceivers intended for use in RS-232 and V.28 serial communication. These devices feature very low power consumption and single-supply
operation making them ideal for space-constrained applications. Exar-patented (5,306,954)
on-board charge pump circuitry generates fully compliant RS-232 voltage levels using small
and inexpensive 0.µF charge pump capacitors. External +2V and -2V supplies are not
required. The SP211Eand SP213Efeature a low-power shutdown mode, which reduces power supply drain to µA. SP213Eincludes two receivers that remain active during shut down to monitor for signal activity.

■  Meets All EIA-232 and ITU V.28 Specifications
■  Single +5V Supply Operation
■  3mA Typical Static Supply Current
■  4 x 0.1μF External Charge Pump Capacitors
■  Typical 230kbps Transmission Rates
■  Standard SOIC and SSOP Footprints
■  1μA Shutdown Mode (SP211E & SP213E)
■  Two Wake-Up Receivers (SP213E)
■  Tri-State/RxEnable (SP211E & SP213E)
■  Improved ESD Specifications:
    +5kV Human Body Model
    +5kV IEC000-4-2 Air Discharge
    +8kV IEC000-4-2 Contact Discharge
The SP207E-SP213Edevices are pin-to-pin compatible with our previous SP207, SP208, SP2 and SP23 as well as industry-standard competitor devices. Driver output and receiver input pins are protected against ESD to over ±5kV for both Human Body Model and IEC000-4-2 Air Discharge test methods. Data rates of over 20kbps are guaranteed with 230kbps typical, making them compatible with high speed modems and PC remote-access applications.   Receivers  also  incorporate  hysteresis  for  clean  reception  of  slow  moving signals.




Similar Part No. - SP207E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207E SIPEX-SP207E Datasheet
160Kb / 16P
5V High Performance RS232 Transceivers
SP207E SIPEX-SP207E Datasheet
160Kb / 16P
5V High Performance RS232 Transceivers
logo
Exar Corporation
SP207E EXAR-SP207E Datasheet
995Kb / 19P
Low Power, High ESD 5V RS-232 Transceivers
SP207E EXAR-SP207E Datasheet
1Mb / 19P
Low Power, High ESD 5V RS-232 Transceivers
SP207E EXAR-SP207E Datasheet
994Kb / 19P
Low Power, High ESD 5V RS-232 Transceivers
More results


Similar Description - SP207E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Sipex Corporation
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Exar Corporation
SP213EHCA EXAR-SP213EHCA Datasheet
995Kb / 19P
Low Power, High ESD 5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Exar Corporation
SP207ECA-L-TR EXAR-SP207ECA-L-TR Datasheet
1Mb / 19P
Low Power, High ESD 5V RS-232 Transceivers
SP211EHE EXAR-SP211EHE Datasheet
994Kb / 19P
Low Power, High ESD 5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com