Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP211EHE Datasheet (PDF) - Exar Corporation

SP211EHE Datasheet PDF - Exar Corporation
Part # SP211EHE
Download  SP211EHE Download
File Size   994.6 Kbytes
Page   19 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Low Power, High ESD 5V RS-232 Transceivers

SP211EHE Datasheet (PDF)

Go To PDF Page Download Datasheet
SP211EHE Datasheet PDF - Exar Corporation

Part # SP211EHE
Download  SP211EHE Click to download

File Size   994.6 Kbytes
Page   19 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Low Power, High ESD 5V RS-232 Transceivers

SP211EHE Datasheet (HTML) - Exar Corporation




Similar Part No. - SP211EHE

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP211EHEA SIPEX-SP211EHEA Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
SP211EHEA SIPEX-SP211EHEA Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
SP211EHET SIPEX-SP211EHET Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
SP211EHET SIPEX-SP211EHET Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
More results


Similar Description - SP211EHE

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Sipex Corporation
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Exar Corporation
SP207E EXAR-SP207E Datasheet
1Mb / 19P
Low Power, High ESD 5V RS-232 Transceivers
SP213EHCA EXAR-SP213EHCA Datasheet
995Kb / 19P
Low Power, High ESD 5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Exar Corporation
SP207ECA-L-TR EXAR-SP207ECA-L-TR Datasheet
1Mb / 19P
Low Power, High ESD 5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com