Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAADSS0012 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAADSS0012 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAADSS0012
Download  MAADSS0012 Download
File Size   206.01 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 1-Bit, Single Control 21 dB, 0.8 - 8.0 GHz

MAADSS0012 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAADSS0012 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAADSS0012
Download  MAADSS0012 Click to download

File Size   206.01 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 1-Bit, Single Control 21 dB, 0.8 - 8.0 GHz

MAADSS0012 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAADSS0012 Product details

Description
M/A-COM’s MAADSS0012 is a 1-bit, 21 dB step attenuator. This GaAs MMIC digital attenuator is packaged in an ultra small lead free 2 mm 8-Lead PDFN surface mount package.

Features
• 21 dB Step Attenuator
• Positive Control: 2.5 V typical
• Insertion Loss: 0.75 dB typical @ 2.0 GHz
• Current Consumption: 40 µA typical
• IP3: >42 dBm typical @ 2.0 GHz
• Lead-Free 2mm 8-Lead PDFN Package
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Re-flow Compatible




Similar Part No. - MAADSS0012

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0012 MA-COM-MAADSS0012 Datasheet
206Kb / 5P
Digital Attenuator, 1-Bit, Single Control
MAADSS0012SMB MA-COM-MAADSS0012SMB Datasheet
755Kb / 6P
Digital Attenuator, 1-Bit, Single Control
MAADSS0012TR-3000 MA-COM-MAADSS0012TR-3000 Datasheet
755Kb / 6P
Digital Attenuator, 1-Bit, Single Control
MAADSS0012 MA-COM-MAADSS0012_15 Datasheet
755Kb / 6P
Digital Attenuator, 1-Bit, Single Control
More results


Similar Description - MAADSS0012

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC425 HITTITE-HMC425 Datasheet
210Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
HMC425LP3 HITTITE-HMC425LP3 Datasheet
200Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0019 MA-COM-MAATSS0019 Datasheet
177Kb / 4P
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
MAADSS0016 MA-COM-MAADSS0016 Datasheet
198Kb / 4P
Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz
MAADSS0018 MA-COM-MAADSS0018 Datasheet
129Kb / 4P
Digital Attenuator, 5-Bit, Single Control 15.5 dB, 2.0 - 6.0 GHz
logo
Hittite Microwave Corpo...
HMC425 HITTITE-HMC425_09 Datasheet
244Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.4 - 8.0 GHz
HMC425LP3 HITTITE-HMC425LP3_09 Datasheet
218Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
logo
M/A-COM Technology Solu...
MAADSS0012 MA-COM-MAADSS0012 Datasheet
206Kb / 5P
Digital Attenuator, 1-Bit, Single Control
MAADSS0012 MA-COM-MAADSS0012_15 Datasheet
755Kb / 6P
Digital Attenuator, 1-Bit, Single Control
logo
Analog Devices
HMC425ALP3 AD-HMC425ALP3 Datasheet
1Mb / 4P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com