Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA2832C Datasheet (PDF) - Motorola, Inc

CA2832C Datasheet PDF - Motorola, Inc
Part # CA2832C
Download  CA2832C Download
File Size   99.52 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 35.5 dB 1-200 MHz 1.6 WATT WIDEBAND LINEAR AMPLIFIER

CA2832C Datasheet (PDF)

Go To PDF Page Download Datasheet
CA2832C Datasheet PDF - Motorola, Inc

Part # CA2832C
Download  CA2832C Click to download

File Size   99.52 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 35.5 dB 1-200 MHz 1.6 WATT WIDEBAND LINEAR AMPLIFIER

CA2832C Datasheet (HTML) - Motorola, Inc


CA2832C Product details

The RF Line
Wideband Linear Amplifier

. . . designed for amplifier applications in 50 to 100 ohm systems requiring wide bandwidth, low noise and low distortion. This hybrid provides excellent gain stability with temperature and linear amplification as a result of the push–pull circuit design.



• Specified Characteristics at VCC = 28 V, TC = 25°C:

    Frequency Range — 1 to 200 MHz

    Output Power — 1580 mW Typ @ 1 dB Compression, f = 200 MHz

    Power Gain — 35.5 dB Typ @ f = 100 MHz

    PEP — 900 mW Typ @ –32 dB IMD

    Noise Figure — 5 dB Typ @ f = 200 MHz

    ITO — 47 dBm @ f = 200 MHz

• All Gold Metallization for Improved Reliability

• Unconditional Stability Under All Load Conditions




Similar Part No. - CA2832C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CA2832C NXP-CA2832C Datasheet
256Kb / 4P
The RF Line Wideband Linear Amplifier
More results


Similar Description - CA2832C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
CA2810C MOTOROLA-CA2810C Datasheet
112Kb / 4P
34 dB 10-450 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIER
CA2818C MOTOROLA-CA2818C Datasheet
121Kb / 4P
18.5 dB 0.35-400 MHz 1000 mWATT WIDEBAND LINEAR AMPLIFIER
CA2830C MOTOROLA-CA2830C Datasheet
77Kb / 4P
34.5 dB 5-200 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIERS
CA2842C MOTOROLA-CA2842C Datasheet
126Kb / 4P
22 dB 10-400 MHz 1.2 WATTS WIDEBAND LINEAR AMPLIFIER
logo
Tyco Electronics
PAW-1026 MACOM-PAW-1026 Datasheet
36Kb / 1P
5 - 200 MHz. 24 dB. CATV Ultra-linear Amplifier
PA2001 MACOM-PA2001 Datasheet
237Kb / 1P
Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
logo
M/A-COM Technology Solu...
PA2001 MA-COM-PA2001 Datasheet
107Kb / 1P
Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
logo
TriQuint Semiconductor
TQP9113 TRIQUINT-TQP9113 Datasheet
689Kb / 13P
1 Watt Linear Amplifier
logo
American Microsemicondu...
AMS2818C AMMSEMI-AMS2818C Datasheet
563Kb / 1P
1-200MHz 19.0 dB CATV Wideband Linear Amplifier
logo
Motorola, Inc
CA2875CR MOTOROLA-CA2875CR Datasheet
242Kb / 3P
Wideband Linear Amplifier
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com