Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH-138 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

CH-138 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # CH-138
Download  CH-138 Download
File Size   61.85 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 11 dB, Bi-Directional Coupler, 10 - 500 MHz

CH-138 Datasheet (PDF)

Go To PDF Page Download Datasheet
CH-138 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # CH-138
Download  CH-138 Click to download

File Size   61.85 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 11 dB, Bi-Directional Coupler, 10 - 500 MHz

CH-138 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


CH-138 Product details

Description
Bi-Directional couplers offer the ability to couple the power in two directions while maintaining directivity.

Features
• Constant Coupling - Within ± 0.5 dB Max
• MIL-STD-202 Screening Available




Similar Part No. - CH-138

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH-138 MACOM-CH-138 Datasheet
128Kb / 2P
11 dB Bi-directional Coupler 10 - 500 MHz
CH-138PIN MACOM-CH-138PIN Datasheet
128Kb / 2P
11 dB Bi-directional Coupler 10 - 500 MHz
CH-138PIN MACOM-CH-138PIN Datasheet
111Kb / 2P
11dB Bi-Directional Couplers, 10 - 500 MHz
CH-138 MACOM-CH-138_1 Datasheet
111Kb / 2P
11dB Bi-Directional Couplers, 10 - 500 MHz
More results


Similar Description - CH-138

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CD-920-4 MACOM-CD-920-4 Datasheet
73Kb / 2P
20 dB Bi-directional Coupler 2 - 32 MHz
CH-130-4 MACOM-CH-130-4 Datasheet
114Kb / 2P
30 dB Bi-directional Coupler, 500 Watt 2 - 32 MHz
CH-138 MACOM-CH-138 Datasheet
128Kb / 2P
11 dB Bi-directional Coupler 10 - 500 MHz
CH20-0058-S MACOM-CH20-0058-S Datasheet
18Kb / 1P
11 dB Directional Coupler 1500 - 2000 MHz
CH20-0059-S MACOM-CH20-0059-S Datasheet
18Kb / 1P
11 dB Directional Coupler 500 - 1000 MHz
CH35-0009-S MACOM-CH35-0009-S Datasheet
15Kb / 1P
11 dB Directional Coupler 10 - 500 MHz
CHS-134 MACOM-CHS-134 Datasheet
140Kb / 2P
Bi-Directional Couplers 10 - 500 MHz
DCG-10-4 MACOM-DCG-10-4 Datasheet
111Kb / 2P
11 dB Directional Coupler 30 - 1000 MHz
CH-134 MACOM-CH-134_1 Datasheet
217Kb / 3P
Bi-Directional Couplers, 10 - 500 MHz
logo
M/A-COM Technology Solu...
CH-134 MA-COM-CH-134 Datasheet
59Kb / 3P
Bi-Directional Couplers, 10 - 500 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com