Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH-138 Datasheet (PDF) - Tyco Electronics

CH-138 Datasheet PDF - Tyco Electronics
Part # CH-138
Download  CH-138 Download
File Size   128.35 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 11 dB Bi-directional Coupler 10 - 500 MHz

CH-138 Datasheet (PDF)

Go To PDF Page Download Datasheet
CH-138 Datasheet PDF - Tyco Electronics

Part # CH-138
Download  CH-138 Click to download

File Size   128.35 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 11 dB Bi-directional Coupler 10 - 500 MHz

CH-138 Datasheet (HTML) - Tyco Electronics


CH-138 Product details

Description
Bi-Directional couplers offer the ability to couple the power in two directions while maintaining directivity.

Features
• Constant Coupling - Within ± 0.5 dB Max
• MIL-STD-202 Screening Available




Similar Part No. - CH-138

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
CH-138 MA-COM-CH-138 Datasheet
61Kb / 2P
11 dB, Bi-Directional Coupler, 10 - 500 MHz
logo
Tyco Electronics
CH-138PIN MACOM-CH-138PIN Datasheet
111Kb / 2P
11dB Bi-Directional Couplers, 10 - 500 MHz
logo
M/A-COM Technology Solu...
CH-138PIN MA-COM-CH-138PIN Datasheet
61Kb / 2P
11 dB, Bi-Directional Coupler, 10 - 500 MHz
logo
Tyco Electronics
CH-138 MACOM-CH-138_1 Datasheet
111Kb / 2P
11dB Bi-Directional Couplers, 10 - 500 MHz
More results


Similar Description - CH-138

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CD-920-4 MACOM-CD-920-4 Datasheet
73Kb / 2P
20 dB Bi-directional Coupler 2 - 32 MHz
CH-130-4 MACOM-CH-130-4 Datasheet
114Kb / 2P
30 dB Bi-directional Coupler, 500 Watt 2 - 32 MHz
CH20-0058-S MACOM-CH20-0058-S Datasheet
18Kb / 1P
11 dB Directional Coupler 1500 - 2000 MHz
CH20-0059-S MACOM-CH20-0059-S Datasheet
18Kb / 1P
11 dB Directional Coupler 500 - 1000 MHz
CH35-0009-S MACOM-CH35-0009-S Datasheet
15Kb / 1P
11 dB Directional Coupler 10 - 500 MHz
CHS-134 MACOM-CHS-134 Datasheet
140Kb / 2P
Bi-Directional Couplers 10 - 500 MHz
DCG-10-4 MACOM-DCG-10-4 Datasheet
111Kb / 2P
11 dB Directional Coupler 30 - 1000 MHz
CH-134 MACOM-CH-134_1 Datasheet
217Kb / 3P
Bi-Directional Couplers, 10 - 500 MHz
logo
M/A-COM Technology Solu...
CH-138 MA-COM-CH-138 Datasheet
61Kb / 2P
11 dB, Bi-Directional Coupler, 10 - 500 MHz
CH-134 MA-COM-CH-134 Datasheet
59Kb / 3P
Bi-Directional Couplers, 10 - 500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com