Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90-1283TR Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

AT90-1283TR Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # AT90-1283TR
Download  AT90-1283TR Download
File Size   163.42 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz

AT90-1283TR Datasheet (PDF)

Go To PDF Page Download Datasheet
AT90-1283TR Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # AT90-1283TR
Download  AT90-1283TR Click to download

File Size   163.42 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz

AT90-1283TR Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


AT90-1283TR Product details

Description
M/A-COMs AT90-1283 is a GaAs FET 5-bit digital attenuator with integral TTL driver. Step size is 0.5 dB providing a 15.5 dB total attenuation range. This device is in an PQFN plastic surface mount package. The AT90-1283 is ideally suited for use where accuracy, fast speed, very low power consumption and low costs are required. For dual supply designs without switching noise, use AT90-0283.

Features
• Attenuation: 0.5 dB Steps to 15.5 dB
• Single Positive Supply
• Contains Internal DC to DC Converter
• Low DC Power Consumption
• Small Footprint, JEDEC Package
• Integral TTL Driver
• 50 ohm Impedance
• CSP-1 Package




Similar Part No. - AT90-1283TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-1283TR MACOM-AT90-1283TR Datasheet
266Kb / 5P
Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-1283TR MACOM-AT90-1283TR Datasheet
222Kb / 4P
Digital Attenuator, 15.5dB, 5-Bit, TTL Driver DC - 3.5 GHz
More results


Similar Description - AT90-1283TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0283 MACOM-AT65-0283 Datasheet
231Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC - 2.0 GHz
AT90-0283 MACOM-AT90-0283 Datasheet
266Kb / 5P
Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-1283 MACOM-AT90-1283 Datasheet
266Kb / 5P
Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAAD-007081-000100 MACOM-MAAD-007081-000100 Datasheet
293Kb / 7P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
M/A-COM Technology Solu...
MAATCC0014 MA-COM-MAATCC0014 Datasheet
164Kb / 6P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT90-0283 MA-COM-AT90-0283 Datasheet
163Kb / 7P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAAD-007084-000100 MA-COM-MAAD-007084-000100 Datasheet
127Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com