Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5048 Datasheet (PDF) - Toshiba Semiconductor

C5048 Datasheet PDF - Toshiba Semiconductor
Part # C5048
Download  C5048 Download
File Size   209.55 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED MESA TYPE (HOREZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV HIGH SPEED SWITCHING APPLICATIONS)

C5048 Datasheet (PDF)

Go To PDF Page Download Datasheet
C5048 Datasheet PDF - Toshiba Semiconductor

Part # C5048
Download  C5048 Click to download

File Size   209.55 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED MESA TYPE (HOREZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV HIGH SPEED SWITCHING APPLICATIONS)

C5048 Datasheet (HTML) - Toshiba Semiconductor


C5048 Product details

HOREZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV

HIGH SPEED SWITCHING APPLICATIONS



High Voltage : VCBO = 1500V.

Low Saturation Voltage : VCE(sat) = 3 V (max.).

High Speed : tf = 0.15µs (Typ.).

Collector Metal (Fin) is Fully Covered with Mold resin. ((IS) Package).




Similar Part No. - C5048

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C504 SIEMENS-C504 Datasheet
962Kb / 49P
8-Bit CMOS Microcontroller
C504 SIEMENS-C504 Datasheet
2Mb / 225P
8-Bit CMOS Microcontroller
logo
Powerbox
C504 POWERBOX-C504 Datasheet
405Kb / 1P
250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Fairchild Semiconductor
C5042F FAIRCHILD-C5042F Datasheet
62Kb / 4P
High Voltage Switchihg Dynamic Focus Application
logo
General Cable Technolog...
C5043.41.01 GENERAL-C5043.41.01 Datasheet
73Kb / 3P
C5043, Coaxial Cable, RG11/U Type, 14 AWG Solid Copper Clad Steel
More results


Similar Description - C5048

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5129 TOSHIBA-2SC5129 Datasheet
210Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5142 TOSHIBA-2SC5142 Datasheet
204Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV HIGH SPEED SWITCHING APPLICATIONS)
2SC5143 TOSHIBA-2SC5143 Datasheet
191Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5149 TOSHIBA-2SC5149 Datasheet
193Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5331 TOSHIBA-2SC5331 Datasheet
185Kb / 3P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV HIGH SPEED SWITCHING APPLICATIONS)
2SC5332 TOSHIBA-2SC5332 Datasheet
177Kb / 3P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5411 TOSHIBA-2SC5411 Datasheet
229Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5421 TOSHIBA-2SC5421 Datasheet
221Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SD2498 TOSHIBA-2SD2498 Datasheet
200Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SD2553 TOSHIBA-2SD2553 Datasheet
222Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com