Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF151A Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF151A Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF151A
Download  MRF151A Download
File Size   351.16 Kbytes
Page   8 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description RF Power Field-Effect Transistor 150W, 50V, 175MHz N-Channel Broadband MOSFET

MRF151A Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF151A Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF151A
Download  MRF151A Click to download

File Size   351.16 Kbytes
Page   8 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description RF Power Field-Effect Transistor 150W, 50V, 175MHz N-Channel Broadband MOSFET

MRF151A Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF151A Product details

Description and Applications
Designed for broadband commercial and military applications at frequencies to 175 MHz. The high power, high gain and broadband performance of this device makes possible solid state transmitters for FM broadcast or TV channel frequency bands.

Features
• Enhanced thermal performance
• Higher power dissipation
Guaranteed Performance at 30 MHz, 50 V:
• Output Power — 150 W
• Gain — 18 dB (22 dB Typ)
• Efficiency — 40%
Typical Performance at 175 MHz, 50 V:
• Output Power — 150 W
• Gain — 13 dB
• Low Thermal Resistance
• Ruggedness Tested at Rated Output Power
• Nitride Passivated Die for Enhanced Reliability




Similar Part No. - MRF151A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF151A MACOM-MRF151A Datasheet
282Kb / 8P
The RF MOSFET Line RF Power Field-Effect Transistor N-Channel Enhancement-Mode MOSFET
logo
M/A-COM Technology Solu...
MRF151A MA-COM-MRF151A Datasheet
351Kb / 8P
RF Power Field-Effect Transistor 150W, 50V, 175MHz N-Channel Broadband MOSFET
MRF151A MA-COM-MRF151A_15 Datasheet
351Kb / 8P
RF Power Field-Effect Transistor
MRF151A MA-COM-MRF151A_17 Datasheet
818Kb / 9P
RF Power Field-Effect Transistor
More results


Similar Description - MRF151A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
logo
M/A-COM Technology Solu...
MRF141 MA-COM-MRF141 Datasheet
337Kb / 11P
RF Power FET 150W, to 175MHz, 28V
MRF151 MA-COM-MRF151 Datasheet
350Kb / 8P
RF Power Field-Effect Transistor 150 W, 50 V, 175 MHz N-Channel Broadband MOSFET
MRF151G MA-COM-MRF151G Datasheet
405Kb / 9P
RF Power Field-Effect Transistor 300 W, 50 V, 175 MHz N-Channel Broadband MOSFET
logo
Freescale Semiconductor...
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_09 Datasheet
468Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP2600H FREESCALE-MRF6VP2600H Datasheet
1Mb / 19P
RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
logo
M/A-COM Technology Solu...
MRF141 MA-COM-MRF141 Datasheet
337Kb / 11P
RF Power FET 150W, to 175MHz, 28V
MRF151A MA-COM-MRF151A Datasheet
351Kb / 8P
RF Power Field-Effect Transistor 150W, 50V, 175MHz N-Channel Broadband MOSFET
MRF151G MA-COM-MRF151G Datasheet
405Kb / 9P
RF Power Field-Effect Transistor 300 W, 50 V, 175 MHz N-Channel Broadband MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com