Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF151G Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF151G Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF151G
Download  MRF151G Download
File Size   405.01 Kbytes
Page   9 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description RF Power Field-Effect Transistor 300 W, 50 V, 175 MHz N-Channel Broadband MOSFET

MRF151G Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF151G Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF151G
Download  MRF151G Click to download

File Size   405.01 Kbytes
Page   9 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description RF Power Field-Effect Transistor 300 W, 50 V, 175 MHz N-Channel Broadband MOSFET

MRF151G Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF151G Product details

Description and Applications
Designed for broadband commercial and military applications at frequencies to 175 MHz. The high power, high gain and broadband performance of this device makes possible solid state transmitters for FM broadcast or TV channel frequency bands.

Features
Guaranteed Performance at 175 MHz, 50 V:
• Output Power — 300 W
• Gain — 14 dB (16 dB Typ)
• Efficiency — 50%
• Low Thermal Resistance — 0.35°C/W
• Ruggedness Tested at Rated Output Power
• Nitride Passivated Die for Enhanced Reliability




Similar Part No. - MRF151G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF151G MOTOROLA-MRF151G Datasheet
156Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF151G MACOM-MRF151G Datasheet
250Kb / 9P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
RF FIELD-EFFECT POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF151G MA-COM-MRF151G Datasheet
405Kb / 9P
RF Power Field-Effect Transistor 300 W, 50 V, 175 MHz N-Channel Broadband MOSFET
MRF151G MA-COM-MRF151G_15 Datasheet
405Kb / 9P
RF Power Field-Effect Transistor
More results


Similar Description - MRF151G

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10015 ERICSSON-PTF10015 Datasheet
221Kb / 6P
50 Watts, 300-960 MHz GOLDMOS Field Effect Transistor
logo
Motorola, Inc
MRF9060 MOTOROLA-MRF9060 Datasheet
393Kb / 12P
945 MHz, 60 W, 26 V LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
logo
M/A-COM Technology Solu...
MRF151 MA-COM-MRF151 Datasheet
350Kb / 8P
RF Power Field-Effect Transistor 150 W, 50 V, 175 MHz N-Channel Broadband MOSFET
MRF151A MA-COM-MRF151A Datasheet
351Kb / 8P
RF Power Field-Effect Transistor 150W, 50V, 175MHz N-Channel Broadband MOSFET
logo
Infineon Technologies A...
PTFB213004F INFINEON-PTFB213004F Datasheet
674Kb / 16P
High Power RF LDMOS Field Effect Transistor 300 W, 2110-2170 MHz
Rev. 05.2, 2010-12-09
logo
M/A-COM Technology Solu...
MRF151A MA-COM-MRF151A Datasheet
351Kb / 8P
RF Power Field-Effect Transistor 150W, 50V, 175MHz N-Channel Broadband MOSFET
MRF151G MA-COM-MRF151G Datasheet
405Kb / 9P
RF Power Field-Effect Transistor 300 W, 50 V, 175 MHz N-Channel Broadband MOSFET
logo
Infineon Technologies A...
PTFB213004F INFINEON-PTFB213004F_16 Datasheet
740Kb / 16P
High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
logo
Cree, Inc
PTFB213004F CREE-PTFB213004F Datasheet
528Kb / 16P
High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
logo
Microchip Technology
VRF2933 MICROCHIP-VRF2933 Datasheet
438Kb / 14P
50 V, 300 W, 150 MHz RF Power MOSFET
Rev. A - 02/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com