Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC-C062 Datasheet (PDF) - Hittite Microwave Corporation

HMC-C062 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-C062
Download  HMC-C062 Download
File Size   185.19 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 50 Gbps, 1:2 FANOUT BUFFER MODULE

HMC-C062 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-C062 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-C062
Download  HMC-C062 Click to download

File Size   185.19 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 50 Gbps, 1:2 FANOUT BUFFER MODULE

HMC-C062 Datasheet (HTML) - Hittite Microwave Corporation


HMC-C062 Product details

General Description
The HMC-C062 is a fanout buffer designed to support data transmission rates of up to 50 Gbps. The device can also operate with clock signals up to 30 GHz. The input is broadband from DC to 30 GHz. During normal operation, input data (or clock) is transferred to both output channels. Differential input signals to the HMC-C062 are terminated with 50 Ohms to ground on-chip, and may be either AC or DC coupled. The differential outputs of the HMC-C062 may be either AC or DC coupled. Outputs can be connected directly to a 50 Ohm to ground terminated system, while DC blocking capacitors may be used if the terminating system is 50 Ohms to a non-ground DC voltage. The HMC-C062 operates from a single -3.3V DC supply, and is housed in a hermetically sealed module with 1.85mm connectors.

Features
  Supports Data Rates up to 50 Gbps
  Supports Clock Frequencies up to 30 GHz
  Inputs Terminated Internally in 50 ohms
  Supports Single-Ended or Differential Operation
  Very Low Power Consumption: 455 mW
  Less than 200 fs Additive RMS Jitter
  Fast Rise and Fall Times: <11ps
  Single -3.3V Power Supply
  Hermetically Sealed Module: 1.85mm connectors
  -40°C to +70°C Operating Temperature
 
Typical Applications
The HMC-C062 is ideal for:
   • OC-768 and SDH STM-256 Equipment
   • Serial Data Transmission up to 50 Gbps
   • Short, intermediate, and long haul fber optic applications
   • Broadband Test and Measurement




Similar Part No. - HMC-C062

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C060 HITTITE-HMC-C060 Datasheet
170Kb / 6P
43 Gbps, D-TYPE FLIP-FLOP MODULE
HMC-C061 HITTITE-HMC-C061 Datasheet
180Kb / 6P
50 Gbps, DOUBLE-EDGE TRIGGERED D-TYPE FLIP-FLOP MODULE
HMC-C064 HITTITE-HMC-C064 Datasheet
185Kb / 6P
50 Gbps, XOR / XNOR Module
HMC-C065 HITTITE-HMC-C065 Datasheet
169Kb / 6P
50 Gbps, AND / NAND / OR / NOR MODULE
More results


Similar Description - HMC-C062

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11 Datasheet
85Kb / 8P
1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V_10 Datasheet
247Kb / 8P
1:2 DIFFERENTIAL FANOUT BUFFER
logo
Hittite Microwave Corpo...
HMC670LC3C HITTITE-HMC670LC3C Datasheet
278Kb / 8P
13 Gbps, 1:2 Fanout Buffer
HMC724LC3C HITTITE-HMC724LC3C Datasheet
383Kb / 8P
14 Gbps FAST RISE TIME 1:2 FANOUT BUFFER
HMC744LC3 HITTITE-HMC744LC3 Datasheet
659Kb / 8P
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER
HMC850LC3 HITTITE-HMC850LC3 Datasheet
763Kb / 8P
28 Gbps, 1:2 FANOUT BUFFER
logo
Semtech Corporation
SK10EL11WD SEMTECH-SK10EL11WD Datasheet
131Kb / 6P
1:2 Differential Fanout Buffer
logo
Motorola, Inc
MC10EL11 MOTOROLA-MC10EL11 Datasheet
61Kb / 3P
1:2 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
logo
Analog Devices
HMC850LC3 AD-HMC850LC3 Datasheet
1Mb / 8P
28 Gbps, 1:2 FANOUT BUFFER WITH PROGRAMMABLE OUTPUT VOLTAGE
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com