Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF10350 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF10350 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF10350
Download  MRF10350 Download
File Size   188.78 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Microwave Pulse Power Silicon NPN Transistor 350W (peak), 1025-1150MHz

MRF10350 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF10350 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF10350
Download  MRF10350 Click to download

File Size   188.78 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Microwave Pulse Power Silicon NPN Transistor 350W (peak), 1025-1150MHz

MRF10350 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF10350 Product details

Designed for 1025–1150 MHz pulse common base amplifier applications such as TCAS, TACAN and Mode–S transmitters.

• Guaranteed performance @ 1090 MHz
   Output power = 350 W Peak
   Gain = 8.5 dB min, 9.0 dB (typ.)
• 100% tested for load mismatch at all phase angles with 10:1 VSWR
• Hermetically sealed package
• Silicon nitride passivated
• Gold metallized, emitter ballasted for long life and resistance
   to metal migration
• Internal input and output matching
• Characterized using Mode–S pulse format




Similar Part No. - MRF10350

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF10350 MOTOROLA-MRF10350 Datasheet
101Kb / 4P
MICROWAVE POWER TRANSISTOR
logo
Tyco Electronics
MRF10350 MACOM-MRF10350 Datasheet
147Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
MRF10350 ASI-MRF10350 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. C
logo
M/A-COM Technology Solu...
MRF10350 MA-COM-MRF10350 Datasheet
188Kb / 6P
Microwave Pulse Power Silicon NPN Transistor
MRF10350 MA-COM-MRF10350_15 Datasheet
188Kb / 6P
Microwave Pulse Power Silicon NPN Transistor
More results


Similar Description - MRF10350

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF1004MB MA-COM-MRF1004MB Datasheet
170Kb / 5P
Microwave Pulse Power Silicon NPN Transistor 4.0W (peak), 960-1215MHz
MRF1090MA MA-COM-MRF1090MA Datasheet
184Kb / 5P
Microwave Pulse Power Silicon NPN Transistor 90W (peak), 960-1215MHz
MRF1090MB MA-COM-MRF1090MB Datasheet
185Kb / 5P
Microwave Pulse Power Silicon NPN Transistor 90W (peak), 960-1215MHz
MRF1150MA MA-COM-MRF1150MA Datasheet
196Kb / 5P
Microwave Pulse Power Silicon NPN Transistor 150W (peak), 960-1215MHz
MRF1150MB MA-COM-MRF1150MB Datasheet
191Kb / 5P
Microwave Pulse Power Silicon NPN Transistor 150W (peak), 960-1215MHz
MRF10150 MA-COM-MRF10150 Datasheet
187Kb / 6P
Microwave Pulse Power Silicon NPN Transistor 150W (peak), 1025-1150MHz
MRF10502 MA-COM-MRF10502 Datasheet
188Kb / 6P
Microwave Pulse Power Silicon NPN Transistor 500W (peak), 1025-1150MHz
MRF1004MB MA-COM-MRF1004MB Datasheet
170Kb / 5P
Microwave Pulse Power Silicon NPN Transistor
MRF1090MB MA-COM-MRF1090MB Datasheet
185Kb / 5P
Microwave Pulse Power Silicon NPN Transistor
MRF1150MB MA-COM-MRF1150MB_15 Datasheet
191Kb / 5P
Microwave Pulse Power Silicon NPN Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com