Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF10502 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF10502 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF10502
Download  MRF10502 Download
File Size   188.36 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Microwave Pulse Power Silicon NPN Transistor 500W (peak), 1025-1150MHz

MRF10502 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF10502 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF10502
Download  MRF10502 Click to download

File Size   188.36 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Microwave Pulse Power Silicon NPN Transistor 500W (peak), 1025-1150MHz

MRF10502 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF10502 Product details

Microwave Pulse Power Silicon NPN Transistor
500W (peak), 1025–1150MHz

Designed for 1025–1150 MHz pulse common base amplifier applications such as TCAS, TACAN and Mode–S transmitters.

• Guaranteed performance @ 1090 MHz
   Output power = 500 W peak
   Gain = 8.5 dB min, 9.0 dB (typ.)
• 100% tested for load mismatch at all phase angles with 10:1 VSWR
• Hermetically sealed industry package
• Silicon nitride passivated
• Gold metalized, emitter ballasted for long life and resistance to metal migration
• Internal input and output matching
• Characterized with 10s, 1% duty cycle pulses




Similar Part No. - MRF10502

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF10502 MACOM-MRF10502 Datasheet
142Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF10502 MA-COM-MRF10502 Datasheet
188Kb / 6P
Microwave Pulse Power Silicon NPN Transistor
logo
New Jersey Semi-Conduct...
MRF10502 NJSEMI-MRF10502 Datasheet
76Kb / 2P
Designed for 1025-1150 MHz pulse common base amplifier
logo
M/A-COM Technology Solu...
MRF10502 MA-COM-MRF10502_15 Datasheet
188Kb / 6P
Microwave Pulse Power Silicon NPN Transistor
MRF10502 MA-COM-MRF10502_17 Datasheet
624Kb / 7P
Microwave Pulse Power Silicon NPN Transistor
More results


Similar Description - MRF10502

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF1004MB MA-COM-MRF1004MB Datasheet
170Kb / 5P
Microwave Pulse Power Silicon NPN Transistor 4.0W (peak), 960-1215MHz
MRF1090MA MA-COM-MRF1090MA Datasheet
184Kb / 5P
Microwave Pulse Power Silicon NPN Transistor 90W (peak), 960-1215MHz
MRF1090MB MA-COM-MRF1090MB Datasheet
185Kb / 5P
Microwave Pulse Power Silicon NPN Transistor 90W (peak), 960-1215MHz
MRF1150MA MA-COM-MRF1150MA Datasheet
196Kb / 5P
Microwave Pulse Power Silicon NPN Transistor 150W (peak), 960-1215MHz
MRF1150MB MA-COM-MRF1150MB Datasheet
191Kb / 5P
Microwave Pulse Power Silicon NPN Transistor 150W (peak), 960-1215MHz
MRF10150 MA-COM-MRF10150 Datasheet
187Kb / 6P
Microwave Pulse Power Silicon NPN Transistor 150W (peak), 1025-1150MHz
MRF10350 MA-COM-MRF10350 Datasheet
188Kb / 6P
Microwave Pulse Power Silicon NPN Transistor 350W (peak), 1025-1150MHz
MRF1004MB MA-COM-MRF1004MB Datasheet
170Kb / 5P
Microwave Pulse Power Silicon NPN Transistor
MRF1090MB MA-COM-MRF1090MB Datasheet
185Kb / 5P
Microwave Pulse Power Silicon NPN Transistor
MRF1150MB MA-COM-MRF1150MB_15 Datasheet
191Kb / 5P
Microwave Pulse Power Silicon NPN Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com