Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF10502 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MRF10502 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MRF10502
Download  MRF10502 Download
File Size   76.36 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Designed for 1025-1150 MHz pulse common base amplifier

MRF10502 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF10502 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MRF10502
Download  MRF10502 Click to download

File Size   76.36 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Designed for 1025-1150 MHz pulse common base amplifier

MRF10502 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MRF10502 Product details

Designed for 1025–1150 MHz pulse common base amplifier applications such as TCAS, T ACAN and Mode–S transmitters.

• Guaranteed Performance @ 1090 MHz
   Output Power = 500 Watts Peak
   Gain = 8.5 dB Min, 9.0 dB (Typ)
• 100% Tested for Load Mismatch at All Phase Angles with 10:1 VSWR
• Hermetically Sealed Industry Package
• Silicon Nitride Passivated
• Gold Metallized, Emitter Ballasted for Long Life and Resistance to Metal Migration
• Internal Input and Output Matching
• Characterized with 10 µs, 1% Duty Cycle Pulses




Similar Part No. - MRF10502

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF10502 MACOM-MRF10502 Datasheet
142Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF10502 MA-COM-MRF10502 Datasheet
188Kb / 6P
Microwave Pulse Power Silicon NPN Transistor 500W (peak), 1025-1150MHz
MRF10502 MA-COM-MRF10502 Datasheet
188Kb / 6P
Microwave Pulse Power Silicon NPN Transistor
MRF10502 MA-COM-MRF10502_15 Datasheet
188Kb / 6P
Microwave Pulse Power Silicon NPN Transistor
MRF10502 MA-COM-MRF10502_17 Datasheet
624Kb / 7P
Microwave Pulse Power Silicon NPN Transistor
More results


Similar Description - MRF10502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DME500 ETC-DME500 Datasheet
173Kb / 3P
500WATTS - 50 VOLTS 1025/1150 MHZ
logo
Advanced Power Technolo...
1015MP ADPOW-1015MP Datasheet
178Kb / 2P
15 Watts, 50 Volts Avionics 1025 - 1150 MHz
1035MP ADPOW-1035MP Datasheet
179Kb / 2P
35 Watts, 50 Volts Avionics 1025 - 1150 MHz
logo
GHz Technology
DME150 GHZTECH-DME150 Datasheet
286Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
Tyco Electronics
MAPR-001011-850S00 MACOM-MAPR-001011-850S00 Datasheet
120Kb / 4P
AVIONICS PULSED POWER TRANSISTOR 850 WATTS, 1025-1150 MHz, 10us PULSE, 1% DUTY
logo
GHz Technology
DME375A GHZTECH-DME375A Datasheet
347Kb / 4P
375 Watts, 50 Volts, Pulsed Avionics 1025-1150 MHz
DME500 GHZTECH-DME500 Datasheet
254Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz high power COMMON BASE bipolar transistor.
logo
M/A-COM Technology Solu...
MAPR-001011-850S00 MA-COM-MAPR-001011-850S00 Datasheet
126Kb / 4P
Avionics Pulsed Power Transistor 850W, 1025-1150 MHz, 10關s Pulse, 1% Duty
MAPR-001090-350S00 MA-COM-MAPR-001090-350S00 Datasheet
118Kb / 4P
Avionics Pulsed Power Transistor 350W, 1025-1150 MHz, 10關s Pulse, 1% Duty
logo
Microsemi Corporation
1015MP MICROSEMI-1015MP Datasheet
109Kb / 3P
15 Watts, 50 Volts Avionics 1025 - 1150 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com