Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF1090MA Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF1090MA Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF1090MA
Download  MRF1090MA Download
File Size   184.55 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Microwave Pulse Power Silicon NPN Transistor 90W (peak), 960-1215MHz

MRF1090MA Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF1090MA Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF1090MA
Download  MRF1090MA Click to download

File Size   184.55 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Microwave Pulse Power Silicon NPN Transistor 90W (peak), 960-1215MHz

MRF1090MA Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF1090MA Product details

Designed for Class B and C common base amplifier applications in short pulse TACAN, IFF, and DME transmitters.

• Guaranteed performance @ 1090 MHz, 50 Vdc
   Output power = 90 W peak
   Minimum gain = 8.4 dB
• 100% tested for load mismatch at all phase angles with 10:1 VSWR
• Industry standard package
• Nitride passivated
• Gold metallized for long life and resistance to metal migration
• Internal input matching for broadband operation




Similar Part No. - MRF1090MA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1090MA MOTOROLA-MRF1090MA Datasheet
104Kb / 6P
MICROWAVE POWER TRANSISTORS
logo
Tyco Electronics
MRF1090MA MACOM-MRF1090MA Datasheet
127Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
More results


Similar Description - MRF1090MA

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF1004MB MA-COM-MRF1004MB Datasheet
170Kb / 5P
Microwave Pulse Power Silicon NPN Transistor 4.0W (peak), 960-1215MHz
MRF1090MB MA-COM-MRF1090MB Datasheet
185Kb / 5P
Microwave Pulse Power Silicon NPN Transistor 90W (peak), 960-1215MHz
MRF1150MA MA-COM-MRF1150MA Datasheet
196Kb / 5P
Microwave Pulse Power Silicon NPN Transistor 150W (peak), 960-1215MHz
MRF1150MB MA-COM-MRF1150MB Datasheet
191Kb / 5P
Microwave Pulse Power Silicon NPN Transistor 150W (peak), 960-1215MHz
MRF10120 MA-COM-MRF10120 Datasheet
171Kb / 5P
Microwave Long Pulse Power Silicon NPN Transistor 120W (peak), 960-1215MHz
MRF10150 MA-COM-MRF10150 Datasheet
187Kb / 6P
Microwave Pulse Power Silicon NPN Transistor 150W (peak), 1025-1150MHz
MRF10350 MA-COM-MRF10350 Datasheet
188Kb / 6P
Microwave Pulse Power Silicon NPN Transistor 350W (peak), 1025-1150MHz
MRF10502 MA-COM-MRF10502 Datasheet
188Kb / 6P
Microwave Pulse Power Silicon NPN Transistor 500W (peak), 1025-1150MHz
MRF1004MB MA-COM-MRF1004MB Datasheet
170Kb / 5P
Microwave Pulse Power Silicon NPN Transistor
MRF1150MB MA-COM-MRF1150MB_15 Datasheet
191Kb / 5P
Microwave Pulse Power Silicon NPN Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com