Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF10120 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF10120 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF10120
Download  MRF10120 Download
File Size   171.98 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Microwave Long Pulse Power Silicon NPN Transistor 120W (peak), 960-1215MHz

MRF10120 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF10120 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF10120
Download  MRF10120 Click to download

File Size   171.98 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Microwave Long Pulse Power Silicon NPN Transistor 120W (peak), 960-1215MHz

MRF10120 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF10120 Product details

Microwave Long Pulse Power Silicon NPN Transistor 120W (peak), 960–1215MHz

Designed for 960–1215 MHz long pulse common base amplifier applications such as JTIDS and Mode S transmitters.

• Guaranteed performance @ 1.215 GHz, 36 Vdc
   Output power = 120 W Peak
   Gain = 7.6 dB min., 8 .5 dB (typ.)
• 100% tested for load mismatch at all phase angles with 3:1 VSWR
• Hermetically sealed industry standard package
• Silicon nitride passivated
• Gold metalized, emitter ballasted for long life and resistance to metal migration
• Internal input and output matching for broadband operation




Similar Part No. - MRF10120

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF10120 MOTOROLA-MRF10120 Datasheet
98Kb / 4P
MICROWAVE POWER TRANSISTOR
logo
Tyco Electronics
MRF10120 MACOM-MRF10120 Datasheet
128Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF10120 MA-COM-MRF10120 Datasheet
171Kb / 5P
Microwave Long Pulse Power Silicon NPN Transistor
MRF10120 MA-COM-MRF10120_15 Datasheet
171Kb / 5P
Microwave Long Pulse Power Silicon NPN Transistor
More results


Similar Description - MRF10120

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF1004MB MA-COM-MRF1004MB Datasheet
170Kb / 5P
Microwave Pulse Power Silicon NPN Transistor 4.0W (peak), 960-1215MHz
MRF1090MA MA-COM-MRF1090MA Datasheet
184Kb / 5P
Microwave Pulse Power Silicon NPN Transistor 90W (peak), 960-1215MHz
MRF1090MB MA-COM-MRF1090MB Datasheet
185Kb / 5P
Microwave Pulse Power Silicon NPN Transistor 90W (peak), 960-1215MHz
MRF1150MA MA-COM-MRF1150MA Datasheet
196Kb / 5P
Microwave Pulse Power Silicon NPN Transistor 150W (peak), 960-1215MHz
MRF1150MB MA-COM-MRF1150MB Datasheet
191Kb / 5P
Microwave Pulse Power Silicon NPN Transistor 150W (peak), 960-1215MHz
MRF10150 MA-COM-MRF10150 Datasheet
187Kb / 6P
Microwave Pulse Power Silicon NPN Transistor 150W (peak), 1025-1150MHz
MRF10350 MA-COM-MRF10350 Datasheet
188Kb / 6P
Microwave Pulse Power Silicon NPN Transistor 350W (peak), 1025-1150MHz
MRF10502 MA-COM-MRF10502 Datasheet
188Kb / 6P
Microwave Pulse Power Silicon NPN Transistor 500W (peak), 1025-1150MHz
MRF10120 MA-COM-MRF10120 Datasheet
171Kb / 5P
Microwave Long Pulse Power Silicon NPN Transistor
MRF10120 MA-COM-MRF10120_15 Datasheet
171Kb / 5P
Microwave Long Pulse Power Silicon NPN Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com