Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-425 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW-425 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW-425
Download  SW-425 Download
File Size   86.81 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 3 Watt Cellular T/R and Antenna Changeover Switch DC - 3.0 GHz

SW-425 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-425 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW-425
Download  SW-425 Click to download

File Size   86.81 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 3 Watt Cellular T/R and Antenna Changeover Switch DC - 3.0 GHz

SW-425 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW-425 Product details

Description
M/A-COM’s SW-425 is a GaAs monolithic switch in a low cost SOT-26 surface mount plastic package. The SW-425 is ideally suited for applications where very low p o we r c o n s u m p t i o n ( < 1 0 µ A @ 5 V ) , l o w intermodulation products and very small size are required. Typical applications include Internal/External antenna select switch for portable telephones and data radios. In addition, because of its low loss, good isolation and inherent speed, the SW-425 can be used as a conventional T/R switch or as an antenna diversity switch. The SW-425 can be used in power applications up to 3 watts in systems such as cellular PCS, CDMA, W-CDMA, TDMA, GSM and other analog/digital wireless communications systems.

Features
• Low Cost Plastic SOT-26 Package
• Low Insertion Loss: < 0.6 dB @ 1900 MHz
• Low Power Consumption: <20µA @ +3V
• Very High Intercept Point: 53 dBm IP3
• Both Positive and Negative 2.5 to 8 V Control
• For CDMA, W-CDMA, TDMA, GSM, PCS and DCS Applications




Similar Part No. - SW-425

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-425 MACOM-SW-425 Datasheet
127Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-4251 MA-COM-SW-4251 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW-425PIN MACOM-SW-425PIN Datasheet
127Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch, DC - 3.0 GHz
SW-425RTR MACOM-SW-425RTR Datasheet
127Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch, DC - 3.0 GHz
SW-425TR MACOM-SW-425TR Datasheet
127Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch, DC - 3.0 GHz
More results


Similar Description - SW-425

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-425 MACOM-SW-425 Datasheet
127Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch, DC - 3.0 GHz
logo
Hittite Microwave Corpo...
HMC484MS8G HITTITE-HMC484MS8G Datasheet
270Kb / 8P
GaAs MMIC 10 WATT T/R SWITCH DC - 3.0 GHz
HMC595 HITTITE-HMC595 Datasheet
343Kb / 8P
GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
logo
Tyco Electronics
MASWSS0143 MACOM-MASWSS0143 Datasheet
209Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0143 MA-COM-MASWSS0143 Datasheet
74Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch DC - 3.0 GHz
logo
Hittite Microwave Corpo...
HMC595 HITTITE-HMC595_08 Datasheet
231Kb / 8P
GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
logo
M/A-COM Technology Solu...
MASWSS0143 MA-COM-MASWSS0143 Datasheet
74Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch
MASWSS0143 MA-COM-MASWSS0143_15 Datasheet
74Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch
logo
Hittite Microwave Corpo...
HMC595A HITTITE-HMC595A Datasheet
879Kb / 8P
GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
logo
Analog Devices
HMC595A AD-HMC595A Datasheet
371Kb / 6P
GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com