Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-425 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # SW-425
Description  3 Watt Cellular T/R and Antenna Changeover Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-425 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  SW-425 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-425 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-425 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 Watt Cellular T/R and Antenna Changeover Switch
DC - 3.0 GHz
Rev. V5
SW-425
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Input Compression Point vs. VCTL @ 900 MHz
2nd Harmonic vs. VCTL @ = 900 MHz
Insertion Loss
0.0
0.2
0.4
0.6
0.8
1.0
0.00.5
1.01.5
2.0
2.5
3.0
+85°C
+25°C
-40°C
Frequency (GHz)
10
15
20
25
30
35
40
45
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Isolation
VSWR
1.0
1.1
1.2
1.3
1.4
1.5
0.00.5
1.01.5
2.02.5
3.0
+85°C
+25°C
-40°C
Frequency (GHz)
20
22
24
26
28
30
32
34
36
38
40
2.53.0 3.5
4.0
4.55.0 5.56.0
6.57.0 7.58.0
P0.1dB (dBm)
P1dB (dBm)
Control Voltage (VDC)
55
60
65
70
75
80
85
90
2
3
4
5678
34dBm
33dBm
31dBm
30dBm
29dBm
28dBm
VCTL (V)
30
40
50
60
70
80
90
2
3
4
5678
34dBm
33dBm
31dBm
30dBm
29dBm
28dBm
VCTL (V)
3rd Harmonic vs. VCTL @ = 900 MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com