Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-425 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-425
Description  3 Watt Cellular T/R and Antenna Changeover Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-425 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-425 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-425 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-425 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3 Watt Cellular T/R and Antenna Changeover Switch
DC - 3.0 GHz
Rev. V5
SW-425
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Cost Plastic SOT-26 Package
• Low Insertion Loss: < 0.6 dB @ 1900 MHz
• Low Power Consumption: <20µA @ +3V
• Very High Intercept Point: 53 dBm IP3
• Both Positive and Negative 2.5 to 8 V Control
• For CDMA, W-CDMA, TDMA, GSM, PCS and
DCS Applications
Description
M/A-COM’s SW-425 is a GaAs monolithic switch in a
low cost SOT-26 surface mount plastic package. The
SW-425 is ideally suited for applications where very low
pow er
co nsumption
(<10µA@5V),
lo w
intermodulation products and very small size are
required. Typical applications include Internal/External
antenna select switch for portable telephones and data
radios. In addition, because of its low loss, good
isolation and inherent speed, the SW-425 can be used
as a conventional T/R switch or as an antenna diversity
switch. The SW-425 can be used in power applications
up to 3 watts in systems such as cellular PCS, CDMA,
W-CDMA,
TDMA,
GSM
and
other
analog/digital
wireless communications systems.
The SW-425 is fabricated using M/A-COM’s 0.5 micron
gate length GaAs PHEMT process. The process
features full chip passivation for increased performance
and reliability.
Functional Diagram
6
5
4
1
2
3
Pin Configuration
Pin No.
Function
Pin No.
Function
1
RF1
4
VB
2
Ground
5
RF Common
3
RF2
6
VA
Absolute Maximum Ratings
2
Parameter
Absolute Maximum
Input Power (0.5—3.0 GHz)
3 V Control
5 V Control
+36 dBm
+38 dBm
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
Part Number
Package
SW-425 PIN
Bulk Packaging
SW-425TR
1000 piece reel
Ordering Information
1
1. Reference Application Note M513 for reel size information.
Mode
(Control)
Control A Control B
RFC -
RF1
RFC -
RF2
Positive
4
0 + 0.2 V
+2.5 to +8 V
+2.5 to +8 V
0 + 0.2 V
Off
On
On
Off
Negative
5
0 + 0.2 V
-2.5 to -8 V
-2.5 to -8 V
0 + 0.2 V
On
Off
Off
On
Positive/
Negative
3,4
-Vc + 0.2 V
+Vc
+Vc
-Vc + 0.2 V
Off
On
On
Off
Truth Table
3. External DC blocking capacitors are required on all RF ports.
39 pF capacitors can be used for positive control voltage.
4. [-VCTL], VCTL < 8 V
5. If negative control is used, DC blocking capacitors are not
required on RF ports.


Similar Part No. - SW-425

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-425 MACOM-SW-425 Datasheet
127Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-4251 MA-COM-SW-4251 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW-425PIN MACOM-SW-425PIN Datasheet
127Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch, DC - 3.0 GHz
SW-425RTR MACOM-SW-425RTR Datasheet
127Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch, DC - 3.0 GHz
SW-425TR MACOM-SW-425TR Datasheet
127Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch, DC - 3.0 GHz
More results

Similar Description - SW-425

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-425 MACOM-SW-425 Datasheet
127Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch, DC - 3.0 GHz
logo
Hittite Microwave Corpo...
HMC484MS8G HITTITE-HMC484MS8G Datasheet
270Kb / 8P
GaAs MMIC 10 WATT T/R SWITCH DC - 3.0 GHz
HMC595 HITTITE-HMC595 Datasheet
343Kb / 8P
GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
logo
Tyco Electronics
MASWSS0143 MACOM-MASWSS0143 Datasheet
209Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0143 MA-COM-MASWSS0143 Datasheet
74Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch DC - 3.0 GHz
logo
Hittite Microwave Corpo...
HMC595 HITTITE-HMC595_08 Datasheet
231Kb / 8P
GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
logo
M/A-COM Technology Solu...
MASWSS0143 MA-COM-MASWSS0143 Datasheet
74Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch
MASWSS0143 MA-COM-MASWSS0143_15 Datasheet
74Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch
logo
Hittite Microwave Corpo...
HMC595A HITTITE-HMC595A Datasheet
879Kb / 8P
GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
logo
Analog Devices
HMC595A AD-HMC595A Datasheet
371Kb / 6P
GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com