Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G40 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

G40 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # G40
Download  G40 Download
File Size   1802.89 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Voltage-Controlled Attenuator Module 500 to 4000 MHz

G40 Datasheet (PDF)

Go To PDF Page Download Datasheet
G40 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # G40
Download  G40 Click to download

File Size   1802.89 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Voltage-Controlled Attenuator Module 500 to 4000 MHz

G40 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


G40 Product details

Description

The G40 attenuator is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.

This design uses three pin diodes to provide a non linear

attenuation response across a broadband frequency range. Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.



Features

•  WIDE BAND PERFORMANCE

•  EXCELLENT INSERTION LOSS: < 3.0 dB (TYP.)

•  HIGH DYNAMIC RANGE: 30 dB TO 3000 MHz (TYP.)

•  FAST SWITCHING: < 0.5 µsec, 10 TO 90% (TYP.)

                           < 2 µsec, 0 TO 100% (TYP.)



 




Similar Part No. - G40

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
G40 MACOM-G40 Datasheet
468Kb / 3P
Voltage-Controlled Attenuator Module 500 to 4000 MHz
logo
XP Power Limited
G40 XPPOWER-G40 Datasheet
716Kb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G40 XPPOWER-G40 Datasheet
2Mb / 6P
DC-HVDC C ONVERTER
24 Jan 2022
logo
TDK Electronics
G40-125-3P208 TDK-G40-125-3P208 Datasheet
118Kb / 2P
Programmable Power Supplies
G40-125-3P400 TDK-G40-125-3P400 Datasheet
118Kb / 2P
Programmable Power Supplies
More results


Similar Description - G40

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
G30 MACOM-G30 Datasheet
469Kb / 3P
Voltage-Controlled Attenuator Module 100 to 2000 MHz
G40 MACOM-G40 Datasheet
468Kb / 3P
Voltage-Controlled Attenuator Module 500 to 4000 MHz
SMG1 MACOM-SMG1 Datasheet
492Kb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG2 MACOM-SMG2 Datasheet
471Kb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
logo
M/A-COM Technology Solu...
SMG1 MA-COM-SMG1 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG2 MA-COM-SMG2 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG30 MA-COM-SMG30 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 100 to 2000 MHz
SMG2 MA-COM-SMG2_15 Datasheet
1Mb / 4P
Voltage Controlled Attenuator Module
logo
Teledyne Technologies I...
GC2002 TELEDYNE-GC2002 Datasheet
125Kb / 1P
5 TO 2000 MHz TO-8 VOLTAGE CONTROLLED ATTENUATOR MODULE
GC2510 TELEDYNE-GC2510 Datasheet
161Kb / 2P
10 TO 2500 MHz TO-8 VOLTAGE CONTROLLED ATTENUATOR MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com