Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSR5XAA151R Datasheet (PDF) - OptoSupply International

OSR5XAA151R Datasheet PDF - OptoSupply International
Part # OSR5XAA151R
Download  OSR5XAA151R Download
File Size   100.41 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Tpower 10mm Red LED

OSR5XAA151R Datasheet (PDF)

Go To PDF Page Download Datasheet
OSR5XAA151R Datasheet PDF - OptoSupply International

Part # OSR5XAA151R
Download  OSR5XAA151R Click to download

File Size   100.41 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Tpower 10mm Red LED

OSR5XAA151R Datasheet (HTML) - OptoSupply International




Similar Part No. - OSR5XAA151R

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR5XA5141R OPTOSUPPLY-OSR5XA5141R Datasheet
97Kb / 1P
Tpower 5mm Red LED
OSR5XA56E1R OPTOSUPPLY-OSR5XA56E1R Datasheet
99Kb / 1P
Tpower 4.8mm Straw Red LED
OSR5XA8A61R OPTOSUPPLY-OSR5XA8A61R Datasheet
99Kb / 1P
Tpower 8mm Red LED
OSR5XAC1C1E OPTOSUPPLY-OSR5XAC1C1E Datasheet
118Kb / 1P
9.2x8x1.92mm Commercial 1 Power Red LED
OSR5XAC3C1E OPTOSUPPLY-OSR5XAC3C1E Datasheet
119Kb / 1P
9.2x8x1.92mmCommercial 3 Power Red LED
More results


Similar Description - OSR5XAA151R

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5XLA151R OPTOSUPPLY-OSB5XLA151R Datasheet
100Kb / 1P
Tpower 10mm Blue LED
OSG3D3A151R OPTOSUPPLY-OSG3D3A151R Datasheet
96Kb / 1P
Tpower 10mm Bluish Green LED
OSG5XAA151R OPTOSUPPLY-OSG5XAA151R Datasheet
100Kb / 1P
Tpower 10mm Pure Green LED
OSK5D3A151R OPTOSUPPLY-OSK5D3A151R Datasheet
95Kb / 1P
Tpower 10mm Pink LED
OSK5XLA151R OPTOSUPPLY-OSK5XLA151R Datasheet
100Kb / 1P
Tpower 10mm Pink LED
OSM5D3A151R OPTOSUPPLY-OSM5D3A151R Datasheet
95Kb / 1P
Tpower 10mm Warm White LED
OSO5M3A151R OPTOSUPPLY-OSO5M3A151R Datasheet
97Kb / 1P
Tpower 10mm Phoenix Orange LED
OSR5M3A151R OPTOSUPPLY-OSR5M3A151R Datasheet
97Kb / 1P
Tpower 10mm Phoenix Red LED
OSW5D3A151R OPTOSUPPLY-OSW5D3A151R Datasheet
95Kb / 1P
Tpower 10mm Pure White LED
OSY5XAA151R OPTOSUPPLY-OSY5XAA151R Datasheet
100Kb / 1P
Tpower 10mm Yellow LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com