Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3204 Datasheet (PDF) - Lowpower Semiconductor inc

LP3204 Datasheet PDF - Lowpower Semiconductor inc
Part # LP3204
Download  LP3204 Download
File Size   761.75 Kbytes
Page   11 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description 1.5MHz, 800mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert

LP3204 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3204 Datasheet PDF - Lowpower Semiconductor inc

Part # LP3204
Download  LP3204 Click to download

File Size   761.75 Kbytes
Page   11 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description 1.5MHz, 800mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert

LP3204 Datasheet (HTML) - Lowpower Semiconductor inc


LP3204 Product details

General Description
The LP3204 is a constant frequency, current mode, PWM step-down converter. The device integrates a main switch and a synchronous rectifier for high efficiency. The 2.5V to 5.5V input voltage range makes the LP3204 is ideally suited for portable electronic devices that are powered from 1-cell Li-ion battery or from other power sources within the range such as cellular phones, PDAs and handy-terminals.
Internal synchronous rectifier with low RDS(ON) dramatically reduces conduction loss at PWM mode. The internal synchronous switch increases efficiency while eliminate the need for an external Schottky diode.The switching ripple is easily smoothed-out by small package filtering elements due to a fixed operation frequency of 1.5MHz. This along with small SOT-23-5 package provide small PCB area application. Other features include soft start, lower internal reference voltage with 2% accuracy, over temperature protection, and over current protection.

Features
♦ High Efficiency: 96%
♦ 1.5MHz Fixed-Frequency PWM Operation
♦ Adjustable Output From 0.6V to VIN
♦ 800mA Output Current, 1.1A Peak Current
♦ No Schottky Diode Required
♦ 100% Duty Cycle Low Dropout Operation
♦ Available in SOT23-5 Package
♦ Short Circuit and Thermal Protection
♦ Over Voltage Protection
♦ Low than 1µA Shutdown Current

Applications
◇ Portable Media Players/MP3 players
◇ Cellular and Smart mobile phone
◇ PDA
◇ DSC
◇ Wireless Card




Similar Part No. - LP3204

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
LP3201-12B5F POWER-LP3201-12B5F Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
LP3201-18B5F POWER-LP3201-18B5F Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
LP3201-33B5F POWER-LP3201-33B5F Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
LP3201AB5F POWER-LP3201AB5F Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
More results


Similar Description - LP3204

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Lowpower Semiconductor ...
LP3202 POWER-LP3202 Datasheet
759Kb / 11P
1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3203 POWER-LP3203 Datasheet
360Kb / 10P
1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3205 POWER-LP3205 Datasheet
358Kb / 10P
1.5MHZ,800mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
ELM Technology Corporat...
ELM600LA ELM-TECH-ELM600LA Datasheet
2Mb / 10P
ELM600LA 800mA 1.4MHz high efficiency synchronous PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9703 BCDSEMI-AUR9703 Datasheet
892Kb / 20P
1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Fitipower Integrated Te...
FP6367 FITIPOWER-FP6367 Datasheet
575Kb / 9P
1.5MHz, 800mA, High-Efficiency PWM Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com