Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE46C101 Datasheet (PDF) - Microchip Technology

RE46C101 Datasheet PDF - Microchip Technology
Part # RE46C101
Download  RE46C101 Download
File Size   214.19 Kbytes
Page   4 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Piezoelectric Horn Driver and LED Driver Circuit

RE46C101 Datasheet (PDF)

Go To PDF Page Download Datasheet
RE46C101 Datasheet PDF - Microchip Technology

Part # RE46C101
Download  RE46C101 Click to download

File Size   214.19 Kbytes
Page   4 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Piezoelectric Horn Driver and LED Driver Circuit

RE46C101 Datasheet (HTML) - Microchip Technology


RE46C101 Product details

General Description
This product is intended for applications using a self oscillating piezoelectric horn although it can be used in direct drive applications. Feedback control and a driver circuit are provided as well as a horn enable function. The design also provides an open drain N-channel driver suitable for use with a light emitting diode.

Features
• Low Quiescent Current (<100na)
• Low Driver Ron - 20Ω typical at 9V
• Wide Operating Voltage Range
• 8 Pin DIP and SO Packages
• Available in Standard Packaging or RoHS Compliant Pb Free Packaging

Applications
    Smoke detectors
    CO Detectors
    Personal Security Products
    Electronic Toys




Similar Part No. - RE46C101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RE46C101 ETC-RE46C101 Datasheet
42Kb / 3P
Piezoelectric Horn Driver and LED Driver Circuit
More results


Similar Description - RE46C101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RE46C101 ETC-RE46C101 Datasheet
42Kb / 3P
Piezoelectric Horn Driver and LED Driver Circuit
logo
R & E International, In...
RE46C100 RANDE-RE46C100 Datasheet
42Kb / 3P
Piezoelectric Horn Driver Circuit
logo
Microchip Technology
RE46C117 MICROCHIP-RE46C117 Datasheet
214Kb / 6P
DC to DC Converter and Piezoelectric Horn Driver
2009
RE46C104 MICROCHIP-RE46C104 Datasheet
83Kb / 5P
Piezoelectric Horn Driver and Voltage Converter
2009
RE46C108 MICROCHIP-RE46C108 Datasheet
81Kb / 4P
Piezoelectric Horn Driver and Voltage Regulator
2009
RE46C100 MICROCHIP-RE46C100 Datasheet
124Kb / 4P
Piezoelectric Horn Driver Circuit
2009
RE46C105 MICROCHIP-RE46C105 Datasheet
90Kb / 5P
Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C109 MICROCHIP-RE46C109 Datasheet
177Kb / 9P
Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
2009
RE46C105E14F MICROCHIP-RE46C105E14F Datasheet
90Kb / 5P
Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C100 MICROCHIP-RE46C100_14 Datasheet
631Kb / 18P
Piezoelectric Horn Driver Circuit
03/25/14
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com